Electronic Components Datasheet Search
  English  ▼

X  

EPR-71 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-71
Description  Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-71 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-71 Datasheet HTML 19Page - Power Integrations, Inc. EPR-71 Datasheet HTML 20Page - Power Integrations, Inc. EPR-71 Datasheet HTML 21Page - Power Integrations, Inc. EPR-71 Datasheet HTML 22Page - Power Integrations, Inc. EPR-71 Datasheet HTML 23Page - Power Integrations, Inc. EPR-71 Datasheet HTML 24Page - Power Integrations, Inc. EPR-71 Datasheet HTML 25Page - Power Integrations, Inc. EPR-71 Datasheet HTML 26Page - Power Integrations, Inc. EPR-71 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
19-Jul-2005
EP-71 3.3 V, 2 A DC-DC Power Supply
12.2 57 VDC Maximum Load
Figure 28 - Gain-Phase Plot, 57 VDC, Light Load (100 mA).
Vertical Scale: Gain = 10 dB / div, Phase = 30
° / div.
Crossover Frequency = 10.8 kHz, Phase Margin = 40
°
Figure 29 - Gain-Phase Plot, 57 VDC, Light Load (100 mA).
Vertical Scale: Gain = 10 dB / div, Phase = 30
° / div.
Crossover Frequency = 0.9 kHz, Phase Margin = 60
°
The results indicate adequate loop bandwidth and significant gain and phase margin.
Page 23 of 28
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com