Electronic Components Datasheet Search
  English  ▼

X  

EPR-73 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # EPR-73
Description  Engineering Prototype Report for EP-73 - 2.3 W CV/CC Charger/Adapter Using LinkSwitch짰-HF (LNK354P)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-73 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button EPR-73 Datasheet HTML 26Page - Power Integrations, Inc. EPR-73 Datasheet HTML 27Page - Power Integrations, Inc. EPR-73 Datasheet HTML 28Page - Power Integrations, Inc. EPR-73 Datasheet HTML 29Page - Power Integrations, Inc. EPR-73 Datasheet HTML 30Page - Power Integrations, Inc. EPR-73 Datasheet HTML 31Page - Power Integrations, Inc. EPR-73 Datasheet HTML 32Page - Power Integrations, Inc. EPR-73 Datasheet HTML 33Page - Power Integrations, Inc. EPR-73 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
EP-73 5.7 V, 400 mA Charger / Adapter
25-Oct-2004
14.1.5 Transformer Build Diagram
1.5 mm
1.5 mm
5
5
3
4
9
8
N.C. (Floating)
N.C.
4 layers
of tape
3 layers of tape
Secondary
Shield
Primary
Cancellation
Tape margin
Denotes mechanical start of
winding where mechanical start
and electrical phase are different
Denotes mechanical start and
electrical phase of winding where
they are the same
Page 30 of 36
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Power Integrations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com