Electronic Components Datasheet Search
  English  ▼

X  

EPR-85 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # EPR-85
Description  Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-85 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button EPR-85 Datasheet HTML 18Page - Power Integrations, Inc. EPR-85 Datasheet HTML 19Page - Power Integrations, Inc. EPR-85 Datasheet HTML 20Page - Power Integrations, Inc. EPR-85 Datasheet HTML 21Page - Power Integrations, Inc. EPR-85 Datasheet HTML 22Page - Power Integrations, Inc. EPR-85 Datasheet HTML 23Page - Power Integrations, Inc. EPR-85 Datasheet HTML 24Page - Power Integrations, Inc. EPR-85 Datasheet HTML 25Page - Power Integrations, Inc. EPR-85 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
EP-85 6 V, 330 mA Low Cost Charger
04-Oct-2005
10.3 Drain Voltage and Current Start-Up Profile
Drain Voltage and Current waveforms are presented with the simulated battery load.
Figure 17
– 90 VAC Input and Maximum Load.
Upper: IDRAIN, 0.10 A / div.
Lower: VDRAIN, 100 V, 2 ms / div.
Figure 18
– 265 VAC Input and Maximum Load.
Upper: IDRAIN, 0.10 A / div.
Lower: VDRAIN, 200 V, 2 ms / div.
At start-up with a battery load, Drain current and Drain voltages are well controlled and
within acceptable operating limits. Note that the peak of the IDRAIN waveform in Figure 17
is the leading edge current spike not IDRAIN at the end of the switching cycle.
Page 22 of 32
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com