Electronic Components Datasheet Search
  English  ▼

X  

N0132H Datasheet(PDF) 2 Page - InterFET Corporation

Part # N0132H
Description  Process Geometry
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

N0132H Datasheet(HTML) 2 Page - InterFET Corporation

  N0132H Datasheet HTML 1Page - InterFET Corporation N0132H Datasheet HTML 2Page - InterFET Corporation N0132H Datasheet HTML 3Page - InterFET Corporation N0132H Datasheet HTML 4Page - InterFET Corporation N0132H Datasheet HTML 5Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
www.InterFET.com
N0132H
Document Number: IF35513.R01
InterFET Corporation
March, 2020
N0132H
InterFET
Product
Folder
Technical
Support
Order
Now
Order
Now
Electrical Characteristics
Static Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
Min
Typ
Max
Unit
BVGSS
Gate to Source
Breakdown Voltage
IG = -1μA, VDS = 0V
-45
-60
V
IGSS
Gate to Source
Reverse Current
VGS = -10V, VDS = 0V
-50
-100
pA
VGS(OFF)
Gate to Source
Cutoff Voltage
VDS = 10V, ID = 1nA
-0.5
-7
V
IDSS
Drain to Source
Saturation Current
VDS = 10V, VGS = 0V
5
120
mA
Dynamic Characteristics (@ TA = 25°C, Unless otherwise specified)
Parameters
Conditions
Min
Typ
Max
Unit
GFS
Forward
Transconductance
VDS = 10V, VGS = 0 V,
f = 1kHz
28
mS
Ciss
Input Capacitance
VDS = 10V, VGS = 0 V,
f = 1MHz
12
pF
Crss
Reverse Transfer
Capacitance
VDS = 0V, VGS = -10 V,
f = 1MHz
2.5
pF
en
Noise Voltage
VDS = 4V, ID = 5mA,
f = 1kHz
1.5
nV/√Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com