Electronic Components Datasheet Search
  English  ▼

X  

LD5523D2 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5523D2
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5523D2 Datasheet HTML 1Page - Leadtrend Technology LD5523D2 Datasheet HTML 2Page - Leadtrend Technology LD5523D2 Datasheet HTML 3Page - Leadtrend Technology LD5523D2 Datasheet HTML 4Page - Leadtrend Technology LD5523D2 Datasheet HTML 5Page - Leadtrend Technology LD5523D2 Datasheet HTML 6Page - Leadtrend Technology LD5523D2 Datasheet HTML 7Page - Leadtrend Technology LD5523D2 Datasheet HTML 8Page - Leadtrend Technology LD5523D2 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LD5523D2
11/11/2020
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
PWM+QR Multi-mode Controller with Primary Side Regulation
REV. 00
General Description
In order to enhance the efficiency performance, the
LD5523D2 integrates the multi-mode PWM controller, which
consists of Quasi-Resonant (QR) PWM control for light load
condition and Continue Conduction Mode (CCM) for heavy
load condition. Moreover, the QR controller gains the system
performance, but also brings the worse EMI capability,
especially at boundary mode in heavy load. While the
frequency swapping function of LD5523D2 can reduce the
EMI emission of SMPS and helps the power circuit designers
to simply deal with EMI filter and saves several component
and developing time.
The LD5523D2 is implemented in SOT-26 package, and
includes the comprehensive protection function, such as
Over Load Protection (OLP), Over Voltage Protection (OVP),
Output Short Circuit Protection (OSCP) and adjustable Over
Temperature
Protection
(CS_OTP).
Furthermore,
the
programmable brown-in/out protection is built-in.
Typical Application
Features
 PSR CCM+QR Multi-Mode Control.
 Frequency Swapping for better EMI performance
 Low Startup Current (<1.5
A)
 Built-in load regulation compensation
 65 kHz PWM switching frequency.
 Current mode control with cycle-by-cycle current limit
 UVLO (Under Voltage Lock Out)
 LEB (Leading-Edge Blanking) on CS pin
 VCC & FB Over Voltage Protection
 Adjustable Brown in/out on FB pin.
 External OTP (Over Temperature Protection) on CS Pin
 Internal OTP (Over Temperature Protection)
 Gate Source/Sink Capability: 40mA/-170mA @ output
pin with 1nF capacitor.
Applications
 Networking power supply
 Lower Power AC/DC Adaptor
EMI
Filter
FB
OUT
CS
VCC
GND
COMP
LD5523D2
AC
input
DC
Output


Similar Part No. - LD5523D2

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5523K LEADTREND-LD5523K Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523KGL LEADTREND-LD5523KGL Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523KGN LEADTREND-LD5523KGN Datasheet
886Kb / 17P
Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
REV. 00
LD5523M1 LEADTREND-LD5523M1 Datasheet
947Kb / 16P
Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection
REV.00
LD5523M1GL LEADTREND-LD5523M1GL Datasheet
947Kb / 16P
Multi-Mode PWM Controller of Flyback with Frequency Swapping and Integrated Protection
REV.00
More results

Similar Description - LD5523D2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
Primary-Side-Regulation PWM Controller (PWM-PSR)
FL103 FAIRCHILD-FL103 Datasheet
1Mb / 14P
Primary-Side-Regulation PWM Controller for LED Illumination
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FLS6617 ONSEMI-FLS6617 Datasheet
454Kb / 15P
Primary-Side-Regulation PWM with POWER MOSFET
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com