Electronic Components Datasheet Search
  English  ▼

X  

LD5523D2GL Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5523D2GL
Description  PWMQR Multi-mode Controller with Primary Side Regulation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523D2GL Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5523D2GL Datasheet HTML 6Page - Leadtrend Technology LD5523D2GL Datasheet HTML 7Page - Leadtrend Technology LD5523D2GL Datasheet HTML 8Page - Leadtrend Technology LD5523D2GL Datasheet HTML 9Page - Leadtrend Technology LD5523D2GL Datasheet HTML 10Page - Leadtrend Technology LD5523D2GL Datasheet HTML 11Page - Leadtrend Technology LD5523D2GL Datasheet HTML 12Page - Leadtrend Technology LD5523D2GL Datasheet HTML 13Page - Leadtrend Technology LD5523D2GL Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD5523D2
11/11/2020
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523D2-DS-00 November 2020
secondary current discharge time from previous cycle.
And will be hold until the next sampling period. The
sampled voltage is compared with an internal reference
VREF (2.00V) and the error will be amplified. The error
amplifier output COMP reflects the load condition and
controls the duty cycle to regulate the output voltage, thus
constant output voltage can be achieved. The output
voltage is given as:
F
a
S
OUT
V
)
N
N
)(
Rb
Ra
1
(
V
00
.
2
V
-
Where VF indicates the drop voltage of the output diode,
Ra and Rb are top and bottom feedback resistor value, Ns
and Na are the turns of transformer secondary and
auxiliary.
In case that the output voltage is sensed through the
auxiliary winding; the leakage inductance will induce
ringing to affect output regulation. To optimize the
collector voltage clamp circuit will minimize the high
frequency ringing and achieve the best regulation. Fig. 14
shows the voltage waveform of drain to source in compare
to those with large undershoot due to leakage inductance
induced ring (Fig. 15). The ringing may make the sample
error and cause poor performance for output voltage
regulation. A proper selection for resistor RS which in
series to the clamp diode, may reduce any large
undershoot, as shown in Fig. 13.
OUT
CS
COMP
FB
Na
NS
NP
Ra
Rb
VIN
LD5523D2
VF
RS
LEB time
ROCP
VCS
VS
RCS
Fig. 13
VDS
The overshoot
here is minor
Fig. 14
VDS
The undershoot would
make the sample error.
Fig. 15
Load Regulation Compensation
LD5523D2
is
implemented
with
load
regulation
compensation to compensate the cable voltage drop and
to achieve a better voltage regulation. The offset voltage
across FB is produced by the internal sink current source
during the sampling period. The internal sink current
source is proportional to the value of over load current to
compensate the cable loss as shown in Fig. 16. So, the
offset voltage will decrease linearly and smoothly as the
output current decreases from full-load to no-load. It is
programmable by adjusting the resistance of the voltage
divider to compensate the drop for cable lines used in
various conditions. The ILC_MAX is 6
μA for LD5523D2 a.
The equation of internal sink current is shown as:
������������������ = 6 ×
������������������������������������
������������������������
(������������)
Where
The IRATED means the output current in rated.
The ILC is calculated current of load compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com