Electronic Components Datasheet Search
  English  ▼

X  

LD5523T Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD5523T
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523T Datasheet(HTML) 4 Page - Leadtrend Technology

  LD5523T Datasheet HTML 1Page - Leadtrend Technology LD5523T Datasheet HTML 2Page - Leadtrend Technology LD5523T Datasheet HTML 3Page - Leadtrend Technology LD5523T Datasheet HTML 4Page - Leadtrend Technology LD5523T Datasheet HTML 5Page - Leadtrend Technology LD5523T Datasheet HTML 6Page - Leadtrend Technology LD5523T Datasheet HTML 7Page - Leadtrend Technology LD5523T Datasheet HTML 8Page - Leadtrend Technology LD5523T Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LD5523T
04/08/2021
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523T-DS-00 April 2021
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V ~ 30V
COMP
-0.3V ~ 12V
FB, CS
-0.3V ~ 6.5V
OUT
-0.3V ~ VCC+0.3V
Storage Temperature Range
-65
C ~ 150C
Package Thermal Resistance (SOT-26, θJA)
200
C/W
Package Thermal Resistance (SOT-26, θJC)
115
C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (Except Drain Pin)
2.5 KV
ESD Voltage Protection, Human Body Model (Drain Pin)
1 KV
ESD Voltage Protection, Machine Model (Except Drain Pin)
250 V
ESD Voltage Protection, Machine Model (Drain Pin)
200 V
Note1: The value of
JA is measured with the device mounted on 1oz one layer FR-4 board, in a still air environment with TA = 25°C. The
value in any given application depends on the user’s specific board design.
Note2: When COMP/CS/FB pin negative spike voltage < -2V, the time must be < 200ns at every duty cycle which typical value is 15.4
s.
(The state of note 2 simply happens when user’s system is designed according to the application information.)
Caution:
Stress exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stress above recommended operating conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Supply VCC Voltage
8.0
26.5
V
VCC Capacitor
3.3
10
F
Start-up resistor Value (AC Side, Half Wave)
400K
2M
Comp Pin Capacitor (X7R type)
330
4700
pF
CS Pin Capacitor Value
-
30
pF
Current Sense Resistor
0.25
-
Ω
Note:
1.
It’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F ~ 0.47F) to filter out the undesired switching
noise for stable operation. This capacitor should be placed close to IC pin as possible.
2.
It’s also essential to connect a capacitor to COMP to filter out the undesired switching noise for stable operation.
3.
The small signal components should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com