Electronic Components Datasheet Search
  English  ▼

X  

LD5537H1GL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5537H1GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537H1GL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5537H1GL Datasheet HTML 8Page - Leadtrend Technology LD5537H1GL Datasheet HTML 9Page - Leadtrend Technology LD5537H1GL Datasheet HTML 10Page - Leadtrend Technology LD5537H1GL Datasheet HTML 11Page - Leadtrend Technology LD5537H1GL Datasheet HTML 12Page - Leadtrend Technology LD5537H1GL Datasheet HTML 13Page - Leadtrend Technology LD5537H1GL Datasheet HTML 14Page - Leadtrend Technology LD5537H1GL Datasheet HTML 15Page - Leadtrend Technology LD5537H1GL Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD5537H1
01/03/2019
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537H1-DS-00 January 2019
1.05V
t
Vcc
t
OUT
Switching
Non-Switching
t
VBNO
t
Line Voltage
0.95V
Non-
Switching
Normal Range
UVLO(on)
UVLO(off)
ROCP
RS
CS
AUX
0.31V
OUT
Sample
Delay
Debouce
8 cycle
OVP
Fig. 17
Delay
Sample
Out
AUX Winding
CS/OVP
Fig. 18
Brown-out Protection (BNO)
The LD5537H1 is programmable to set the brownout
protection point though BNO pin. The voltage across the
BNO pin is proportional to bridge rectifier of AC input.
A
brownout comparator is implemented to detect the
abnormal line condition. As soon as the condition is
detected, it will shut down the controller to prevent the
damage. Fig. 19 shows the operation. When VBNO falls
below 0.95V, the gate output will remain off even VCC has
already achieved UVLO(ON). It therefore makes VCC
hiccup between UVLO(ON) and UVLO(OFF). Unless the
line voltage is enough to pull VBNO larger than 1.05V, the
gate output will not start switching even when the next
UVLO(ON) is tripped. A hysteresis is implemented to
prevent the false trigger during turn-on and turn-off.
LD5537H1 can floating this pin If haven
’t need BNO
function.
Fig. 19
Secondary Diode Short Protection (SDSP)
–
Latch
The method that the LD5537H1 judges the logic of SDSP
is described briefly as follows. When VCS is higher than
1.2V, it will reduce the frequency first, even the Ton <
LEB+TPD. When the count is up to 4 times, its gate will be
turned-off, shown as Fig. 20.
Fig. 20
Comp
CS
1.2V
4 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com