Electronic Components Datasheet Search
  English  ▼

X  

LD9535 Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD9535
Description  Multi-Mode PWM Controller of Flyback with MOSFET Integrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9535 Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD9535 Datasheet HTML 3Page - Leadtrend Technology LD9535 Datasheet HTML 4Page - Leadtrend Technology LD9535 Datasheet HTML 5Page - Leadtrend Technology LD9535 Datasheet HTML 6Page - Leadtrend Technology LD9535 Datasheet HTML 7Page - Leadtrend Technology LD9535 Datasheet HTML 8Page - Leadtrend Technology LD9535 Datasheet HTML 9Page - Leadtrend Technology LD9535 Datasheet HTML 10Page - Leadtrend Technology LD9535 Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LD9535
01/08/2019
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9535-DS-00 January 2019
Electrical Characteristics for MOSFET
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
LD9535 MOSFET Drain (DRAIN Pin)
Breakdown Voltage
VCC=0V , COMP=0V,
ID=250
A , Tj=25°C
BVDS
650
V
On Resistance
ID=2A , VCC=15V , Tj=25°C
RDS_ON
1.2
1.4
Fig. 1 LD9535 RDS_ON vs. Temperature
Fig. 2 LD9535 Breakdown Voltage vs. Temperature
Notes:
1. Guaranteed by design.
2. The threshold temperature for enabling the output again and resetting the latch after OTP has been activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com