Electronic Components Datasheet Search
  English  ▼

X  

LX2203CLD Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX2203CLD
Description  Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2203CLD Datasheet(HTML) 2 Page - Microsemi Corporation

  LX2203CLD Datasheet HTML 1Page - Microsemi Corporation LX2203CLD Datasheet HTML 2Page - Microsemi Corporation LX2203CLD Datasheet HTML 3Page - Microsemi Corporation LX2203CLD Datasheet HTML 4Page - Microsemi Corporation LX2203CLD Datasheet HTML 5Page - Microsemi Corporation LX2203CLD Datasheet HTML 6Page - Microsemi Corporation LX2203CLD Datasheet HTML 7Page - Microsemi Corporation LX2203CLD Datasheet HTML 8Page - Microsemi Corporation LX2203CLD Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LX2203
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. 1.0a, 2005-08-10
Li-Ion Battery Charger
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)....................................................................................... -0.3V to 7V
Input Signals (SHDN, EN,CMP) ...................................................................... -0.3V to 7V
Battery Charging Current (IBAT)....................................................................................1.2A
Operating Junction Temperature................................................................... -40C to 150°C
Storage Temperature Range.........................................................................-65°C to 150°C
RoHS / Pb-free Peak Package Solder Reflow Temp(40 seconds max. exposure) ............260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
LD Plastic Micro Leadframe Package 10-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
49
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
3
4
56
7
8
9
10
VIN
VIN
STAT
CTP
BAT
EN
CMP
BAT
GND
CCP
Connect Bottom to
Power GND
LD PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
BAT
Charging Output - This pin is wired to the positive terminal of the battery. (The negative battery terminal is wired
to GND.)
CCP
Charge Current Programming Pin - A resistor (Rccp) is connected between this pin and GND. See application
section for programming information.
CMP
Compensation Pin – Apply a 0.01µF capacitor between CMP and VIN pins.
CTP
Charge Termination Programming Pin – A resistor (Rctp) is connected between this pin and GND See
application section for programming information.
EN
Enable - Applying a TTL compatible Hi signal enables the charger, a Low signal disables the charger and puts it
in sleep mode.
GND
Common Ground.
STAT
Status - This pin is a logic low level when the battery is being charged. Pin can sink up to 5mA.
VIN
Voltage Input – Supply Voltage. Must be greater than VBAT to charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com