Electronic Components Datasheet Search
  English  ▼

X  

STPS20H100CFP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS20H100CFP
Description  High voltage power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100CFP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS20H100CFP Datasheet HTML 3Page - STMicroelectronics STPS20H100CFP Datasheet HTML 4Page - STMicroelectronics STPS20H100CFP Datasheet HTML 5Page - STMicroelectronics STPS20H100CFP Datasheet HTML 6Page - STMicroelectronics STPS20H100CFP Datasheet HTML 7Page - STMicroelectronics STPS20H100CFP Datasheet HTML 8Page - STMicroelectronics STPS20H100CFP Datasheet HTML 9Page - STMicroelectronics STPS20H100CFP Datasheet HTML 10Page - STMicroelectronics STPS20H100CFP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS20H100C
10/11
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPS20H100CT
STPS20H100CT
TO-220AB
2.20 g
50
Tube
STPS20H100CFP
STPS20H100CFP
TO-220FPAB
2.0 g
50
Tube
STPS20H100CR
STPS20H100CR
I2PAK
1.49 g
50
Tube
STPS20H100CG
STPS20H100CG
D2PAK
1.48 g
50
Tube
STPS20H100CG-TR
STPS20H100CG
D2PAK
1.48 g
1000
Tape & reel
Date
Revision
Description of Changes
Jul-2003
4G
Last release.
21-Mar-2007
5
Removed ISOWATT package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com