Electronic Components Datasheet Search
  English  ▼

X  

CRE6358 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CRE6358
Description  Current Mode PWM Power Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CRE6358 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CRE6358 Datasheet HTML 1Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 2Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 3Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 4Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 5Page - List of Unclassifed Manufacturers CRE6358 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
电流模式 PWM 功率转换器
第2页 共6页
引脚功能说明:
符号
引脚类型
功能说明
GND
电源
电源地
FB
反馈输入
反馈输入引脚。PWM 占空比由 FB 引脚电压和 SENSE 引
脚的电流感应信号决定。
VDD_G
电源
内部栅驱动电源
SENSE
电流侦测
电流感应输入
VDD
电源
芯片直流电源输入
Drain
漏极输出
高压 MOSFET 漏极引脚。与初级变压器相连
极限参数
注意:超过上表中规定的极限参数会导致器件永久损坏。不推荐将该器件工作在以上极限条件下,
推荐工作条件以上,可能会影响器件的可靠性。
参数(Parameter)
值(Value)
单位(Unit)
Drain Voltage(off state)
漏极电压(关闭状态)
-0.3~650
V
VDD Voltage
电源电压
-0.3~30
V
VDD_G Input Voltage
VDD_G 输入电压
-0.3~30
V
VDD Clamp Continuous
Current
电源钳位持续电流
10
mA
FB Input Voltage
FB 输入电压
-0.3~7
V
SENSE Input Voltage
SENSE 输入电压
-0.3~7
V
Min/Max Operating Junction
Temperature TJ
最小/最大工作节点温度
-20~150
℃
Min/Max Storage Temperature
Tstg
最小/最大储存温度
-55~150
℃
Lead
Temperature
(Soldering,10secs)
(焊接,10 秒)
260
℃
CRE6353/CRE6354/CRE6358/6359
http://bjmdz.1688.com TEL:13538290828



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com