Electronic Components Datasheet Search
  English  ▼

X  

LX5561LL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5561LL
Description  InGaAs - E-Mode pHEMT Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5561LL Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5561LL Datasheet HTML 1Page - Microsemi Corporation LX5561LL Datasheet HTML 2Page - Microsemi Corporation LX5561LL Datasheet HTML 3Page - Microsemi Corporation LX5561LL Datasheet HTML 4Page - Microsemi Corporation LX5561LL Datasheet HTML 5Page - Microsemi Corporation LX5561LL Datasheet HTML 6Page - Microsemi Corporation LX5561LL Datasheet HTML 7Page - Microsemi Corporation LX5561LL Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LX5561
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2006
Rev. 1.0, 2006-12-20
InGaAs – E-Mode pHEMT Low Noise Amplifier
TM
®
ABSOLUTE MAXIMUM RATINGS
DC Supply Voltage, RF Off........................................................................................... 4 V
Drain Current ............................................................................................................ 40 mA
Total Power Dissipation ............................................................................................0.15 W
RF Input Power ..................................................................................................... +10 dBm
Operation Ambient Temperature................................................................. -40°C to +85°C
Storage Temperature Range ........................................................................ -65
°C to 150°C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure).... 260°C (+0 -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
PACKAGE PIN OUT
N/C
RF IN
N/C
N/C
RF OUT
N/C
2
1
3
4
5
6
7
8
9
10
11
12
LL PACKAGE
(Bottom View)
RoHS / Pb-free NiPdAu Finish
FUNCTIONAL PIN DESCRIPTION
Name
Pin #
Description
RF IN
2
RF input for the low noise amplifier. This pin is AC-coupled and does not require a DC-blocking
capacitor.
RF OUT
8
RF output for the low noise amplifier. This pin is AC-coupled and does not require a DC-blocking
capacitor.
VDD
12
Supply voltage.
GND
5
Ground.
N/C
1,3,4,6,7,9,
10,11,
Center
Metal
Not Connected. They can be treated either as open pins or connected to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com