Electronic Components Datasheet Search
  English  ▼

X  

8091544 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8091544
Description  Braking resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8091544 Datasheet(HTML) 1 Page - Festo Corporation.

  8091544 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Braking resistor
CACR-KL2-240-W1800
Part number: 8091544
General operating condition
Data sheet
Feature
Value
Size
600
Mounting position
Free convection
Vertical
Pulse energy braking resistor at 380 V
10800 Ws
Pulse energy braking resistor at 780 V
10800 Ws
Output at 35% duty cycle and 20°C
1800 W
Braking resistor nominal power
720 W
Braking resistor nominal power at 380 V
720 W
Braking resistor nominal power at 780 V
720 W
Resistance value
240 Ohm
Certification
c CSA us (OL)
c UL us - Recognized (OL)
LABS (PWIS) conformity
VDMA24364 zone III
Degree of protection
IP65
Ambient temperature
0 °C ... 50 °C
Product weight
3400 g
Type of mounting
Optionally:
With through-hole
With accessories
Note on materials
RoHS-compliant
8/21/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8091544

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8091543 FESTO-8091543 Datasheet
79Kb / 1P
Braking resistor
8091545 FESTO-8091545 Datasheet
88Kb / 1P
Braking resistor
More results

Similar Description - 8091544

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG2007 MOTOROLA-SG2007 Datasheet
415Kb / 6P
ELECTROHYDRAULIC BRAKING
logo
IXYS Corporation
VGB0124AY7A IXYS-VGB0124AY7A Datasheet
26Kb / 2P
Braking Rectifier
logo
List of Unclassifed Man...
MBH3000 ETC-MBH3000 Datasheet
703Kb / 2P
Mini Braking High Power Resistors
MBVA14400 ETC-MBVA14400 Datasheet
257Kb / 1P
Mini Braking High Power Resistor Assemblies
IT150DBU-2H ETC-IT150DBU-2H Datasheet
114Kb / 1P
Dynamic Braking Unit
DBRI-EW16K ETC1-DBRI-EW16K Datasheet
711Kb / 2P
Dynamic Braking Resistors
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Schneider Electric
VW3A7705 SCHNEIDER-VW3A7705 Datasheet
95Kb / 3P
braking resistor - IP 20 - 10 Ohm - 1000 W
Aug 11, 2019
logo
NXP Semiconductors
MC33SB0400SM NXP-MC33SB0400SM Datasheet
279Kb / 5P
ABS motorcycle braking chip
Rev. 2.0, 8/2016
logo
Vishay Siliconix
BRAKING VISHAY-BRAKING Datasheet
40Kb / 2P
Customized Stainless Steel Braking Resistor
03-Aug-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com