Electronic Components Datasheet Search
  English  ▼

X  

PKS604P Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # PKS604P
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PKS604P Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button PKS604P Datasheet HTML 14Page - Power Integrations, Inc. PKS604P Datasheet HTML 15Page - Power Integrations, Inc. PKS604P Datasheet HTML 16Page - Power Integrations, Inc. PKS604P Datasheet HTML 17Page - Power Integrations, Inc. PKS604P Datasheet HTML 18Page - Power Integrations, Inc. PKS604P Datasheet HTML 19Page - Power Integrations, Inc. PKS604P Datasheet HTML 20Page - Power Integrations, Inc. PKS604P Datasheet HTML 21Page - Power Integrations, Inc. PKS604P Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
PKS603-607
Rev. I 10/06
18
Typical Performance Characteristics
1.1
1.0
0.9
-50 -25
0
25
50 75 100 125 150
Junction Temperature (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
3
4
Normalized di/dt
Figure 22. Breakdown vs. Temperature.
Figure 23. Frequency vs. Temperature.
Figure 25. Current Limit vs. di/dt.
Figure 24. Standard Current Limit vs. Temperature.
Figure 26. Output Characteristic.
Figure 27. C
OSS vs. Drain Voltage.
1.2
0.6
0.8
1.0
0
0.2
0.4
-50 -25
0
25
50
75 100 125
Junction Temperature (
°C)
1.2
0.6
0.8
1
0
0.2
0.4
-50
0
50
100
150
Junction Temperature (
°C)
1.2
0.6
0.8
1.0
0
0.2
0.4
6
8 10 12 14 16 18 20
2
0
4
Drain Voltage (V)
PKS603
1.0
PKS604
1.5
PKS605
2.0
PKS606
3.0
PKS607
4.0
Scaling Factors:
TJ = 25 °C
TJ = 100 °C
Drain Voltage (V)
0
100
200
300
400
500
600
1
10
100
1000
PKS603
1.0
PKS604
1.5
PKS605
2.0
PKS606
3.0
PKS607
4.0
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com