Electronic Components Datasheet Search
  English  ▼

X  

STLVD111 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLVD111
Description  Programmable low voltage 1:10 differential LVDS clock driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLVD111_07 Datasheet HTML 2Page - STMicroelectronics STLVD111_07 Datasheet HTML 3Page - STMicroelectronics STLVD111_07 Datasheet HTML 4Page - STMicroelectronics STLVD111_07 Datasheet HTML 5Page - STMicroelectronics STLVD111_07 Datasheet HTML 6Page - STMicroelectronics STLVD111_07 Datasheet HTML 7Page - STMicroelectronics STLVD111_07 Datasheet HTML 8Page - STMicroelectronics STLVD111_07 Datasheet HTML 9Page - STMicroelectronics STLVD111_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STLVD111
6/19
3
Electrical characteristics
Note:
1
All currents into device pins are positive; all currents out of device pins are negative. All
voltages are referenced to device ground unless otherwise specified.
2
All typical values are given for VCC = 2.5V and TA = 25°C unless otherwise stated
Note:
1
All currents into device pins are positive; all currents out of device pins are negative. All
voltages are referenced to device ground unless otherwise specified.
2
All typical values are given for VCC = 2.5V and TA = 25°C unless otherwise stated
Table 5.
Driver electrical characteristics (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
specified Note: 1, 2)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOD
Output differential voltage (Figure 4.)RL = 100 Ω
400
500
600
mV
ΔVOD
VOD magnitude change
30
mV
VOS
Offset voltage
-40
≤TA ≤85°C
1.05
1.15
1.25
V
ΔVOS
VOS magnitude change
30
V
IOS
Output short circuit current
VO = 0V
15
30
mA
VOD = 0V
7
15
Table 6.
Receiver electrical characteristics (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
specified Note: 1, 2)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIDH
Input threshold high
100
mV
VIDL
Input threshold low
-100
mV
IIN
Input current
VI = 0V
42
100
μA
VI = 0VCC
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com