Electronic Components Datasheet Search
  English  ▼

X  

PKS605P Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # PKS605P
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PKS605P Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button PKS605P Datasheet HTML 9Page - Power Integrations, Inc. PKS605P Datasheet HTML 10Page - Power Integrations, Inc. PKS605P Datasheet HTML 11Page - Power Integrations, Inc. PKS605P Datasheet HTML 12Page - Power Integrations, Inc. PKS605P Datasheet HTML 13Page - Power Integrations, Inc. PKS605P Datasheet HTML 14Page - Power Integrations, Inc. PKS605P Datasheet HTML 15Page - Power Integrations, Inc. PKS605P Datasheet HTML 16Page - Power Integrations, Inc. PKS605P Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PKS603-607
Rev. I 10/06
13
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 18
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Output Frequency
f
OSC
T
J = 25 °C
See Figure 4
Average
250
277
304
kHz
Peak-Peak Jitter
16
Maximum Duty
Cycle
DC
MAX
S1 Open
62
65
68
%
EN/UV Pin Turn
Off Threshold
Current
I
DIS
-350
-240
-200
µ
A
EN/UV Pin
Voltage
V
EN
I
EN/UV = -125 µA
0.4
1.0
1.5
V
I
EN/UV = 25 µA
1.3
2.0
2.7
DRAIN Supply
Current
I
S1
V
EN/UV = 0 V
350
475
600
µ
A
I
S2
EN/UV Open
(MOSFET
Switching)
See Note A, B
PKS603
460
570
690
PKS604
600
725
870
PKS605
700
875
1050
PKS606
950
1175
1400
PKS607
1160
1430
1700
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V,
T
J = 25 °C
See Note C
PKS603-604
-7.5
-5.0
-2.5
mA
PKS605-607
-10.0
-6.6
-3.2
I
CH2
V
BP = 4 V,
T
J = 25 °C
See Note C
PKS603-604
-4.5
-3.0
-1.5
PKS605-607
-6.5
-4.5
-2.5
ABSOLUTE MAXIMUM RATINGS(1,)
DRAINVoltage................................................-0.3Vto700V
DRAINPeakCurrent:............................. 2×I
LIMIT(Typical)
(5)
EN/UVVoltage....................................................-0.3Vto9V
EN/UVCurrent...........................................................100mA
BYPASSVoltage..................................................-0.3Vto9V
StorageTemperature......................................-65°Cto150°C
OperatingJunctionTemperature(2).................-40°Cto150°C
LeadTemperature(3)....................................................... 260°C
Notes:
1. AllvoltagesreferencedtoSOURCE,T
A=25°C.
2. Normallylimitedbyinternalcircuitry.
3. 1/16in.fromcasefor5seconds.
4.Maximumratingsspecifiedmaybeappliedoneatatime,
withoutcausingpermanentdamagetotheproduct.
ExposuretoAbsoluteMaximumRatingconditionsfor
extendedperiodsoftimemayaffectproductreliability.
5. PeakDRAINcurrentisallowedwhiletheDRAINvoltage
issimultaneouslylessthan400V.SeealsoFigure29.
THERMAL IMPEDANCE
ThermalImpedance:Y/FPackage:
(q
JA)
(1)
........................................80°C/W
(q
JC)
(2)
..........................................2°C/W
PPackage:
(q
JA).....................70°C/W
(3)
;60°C/W(4)
(q
JC)
(5)
.....................................10°C/W(5)
Notes:
1. Freestandingwithnoheatsink.
2. Measuredatthebacksurfaceoftab.
3. Solderedto0.36sq.in.(232mm2),2oz.(610g/m2)copperclad.
4. Solderedto1sq.in.(645mm2),2oz.(610g/m2)copperclad.
5. MeasuredontheSOURCEpinclosetoplasticinterface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com