Electronic Components Datasheet Search
  English  ▼

X  

ST1S03 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S03
Description  1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S03_07 Datasheet HTML 1Page - STMicroelectronics ST1S03_07 Datasheet HTML 2Page - STMicroelectronics ST1S03_07 Datasheet HTML 3Page - STMicroelectronics ST1S03_07 Datasheet HTML 4Page - STMicroelectronics ST1S03_07 Datasheet HTML 5Page - STMicroelectronics ST1S03_07 Datasheet HTML 6Page - STMicroelectronics ST1S03_07 Datasheet HTML 7Page - STMicroelectronics ST1S03_07 Datasheet HTML 8Page - STMicroelectronics ST1S03_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST1S03
Maximum ratings
5/17
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional Operation under these conditions is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI_SW
Positive Power Supply Voltage
-0.3 to 16
V
VI_SW
Positive Power Supply Voltage
-0.3 to 16
V
SWITCH Voltage
Max Voltage of output pin
-0.3 to 16
V
VFB
Feedback Voltage
2.5
V
IVFB
Common mode input voltage
±1
mA
TJ
Max Junction Temperature
150
°C
TSTG
Storage Temperature Range
-25 to 150
°C
TLEAD
Lead Temperature (Soldering) 10 Sec.
300
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com