Electronic Components Datasheet Search
  English  ▼

X  

ST1S03PM Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S03PM
Description  1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03PM Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S03PM Datasheet HTML 6Page - STMicroelectronics ST1S03PM Datasheet HTML 7Page - STMicroelectronics ST1S03PM Datasheet HTML 8Page - STMicroelectronics ST1S03PM Datasheet HTML 9Page - STMicroelectronics ST1S03PM Datasheet HTML 10Page - STMicroelectronics ST1S03PM Datasheet HTML 11Page - STMicroelectronics ST1S03PM Datasheet HTML 12Page - STMicroelectronics ST1S03PM Datasheet HTML 13Page - STMicroelectronics ST1S03PM Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical performance characteristics
ST1S03
10/17
Figure 10.
Quiescent current vs temperature
Figure 11.
Quiescent current vs input voltage
Figure 12.
Minimum operating voltage vs
output voltage
Figure 13.
Efficiency vs temperature
Figure 14.
Efficiency vs output current
Figure 15.
Switch VDS vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com