Electronic Components Datasheet Search
  English  ▼

X  

STG3699A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3699A
Description  LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699A Datasheet(HTML) 3 Page - STMicroelectronics

  STG3699A Datasheet HTML 1Page - STMicroelectronics STG3699A Datasheet HTML 2Page - STMicroelectronics STG3699A Datasheet HTML 3Page - STMicroelectronics STG3699A Datasheet HTML 4Page - STMicroelectronics STG3699A Datasheet HTML 5Page - STMicroelectronics STG3699A Datasheet HTML 6Page - STMicroelectronics STG3699A Datasheet HTML 7Page - STMicroelectronics STG3699A Datasheet HTML 8Page - STMicroelectronics STG3699A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STG3699A
3/14
Table 6: DC Specifications
Note 1:
∆RON = RON(MAX) - RON(MIN).
Note 2: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal ranges.
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level
Input Voltage
1.65-1.95
0.65VCC
0.65VCC
0.65VCC
V
2.3-2.5
1.2
1.2
1.2
2.7-3.0
1.3
1.3
1.3
3.3
1.4
1.4
1.4
3.6
1.5
1.5
1.5
4.3
1.6
1.6
1.6
VIL
Low Level
Input Voltage
1.65-1.95
0.25
0.25
0.25
V
2.3-2.5
0.25
0.25
0.25
2.7-3.0
0.25
0.25
0.25
3.3
0.30
0.30
0.30
3.6
0.30
0.30
0.30
4.3
0.40
0.40
0.40
RON
Switch ON
Resistance
4.3
VS=0V to VCC
IS=100mA
0.35
0.45
0.50
Ω
3.0
0.40
0.50
0.60
2.7
0.40
0.50
0.60
2.3
0.45
0.70
0.80
1.8
0.55
1.5
2.0
1.65
0.65
1.5
2.0
∆RON ON
Resistance
Match
between
channels
(1)
2.7
VS @ RON Max
IS=100mA
0.06
Ω
RFLAT ON
Resistance
FLATNESS
(2)
4.3
VS=0V to VCC
IS=100mA
0.15
0.20
0.20
Ω
3.0
0.15
0.20
0.20
2.7
0.15
0.20
0.20
2.3
0.20
0.25
0.25
1.65
0.30
0.35
0.35
IOFF
OFF State
Leakage
Current
(nSn), (Dn)
4.3
VS=0.3 or 4V
±20
± 100
nA
IIN
Input
Leakage
Current
0 - 4.3
VIN= 0 to 4.3V
±0.1
± 1
µA
ICC
Quiescent
Supply
Current
1.65-4.3
VIN=VCC or
GND
±0.05
±0.2
±1
µA
ICCLV
Quiescent
Supply
Current Low
Voltage
Driving
4.3
V1-2IN,
V3-4IN = 1.65V
±37
±50
±100
µA
V1-2IN,
V3-4IN = 1.80V
±33
±40
±50
V1-2IN,
V3-4IN = 2.60V
±12
±20
±30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com