Electronic Components Datasheet Search
  English  ▼

X  

TDA4651 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4651
Description  Multistandard colour decoder with negative colour difference output signals
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4651 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4651 Datasheet HTML 7Page - NXP Semiconductors TDA4651 Datasheet HTML 8Page - NXP Semiconductors TDA4651 Datasheet HTML 9Page - NXP Semiconductors TDA4651 Datasheet HTML 10Page - NXP Semiconductors TDA4651 Datasheet HTML 11Page - NXP Semiconductors TDA4651 Datasheet HTML 12Page - NXP Semiconductors TDA4651 Datasheet HTML 13Page - NXP Semiconductors TDA4651 Datasheet HTML 14Page - NXP Semiconductors TDA4651 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
August 1993
13
Philips Semiconductors
Preliminary specification
Multistandard colour decoder with negative
colour difference output signals
TDA4651
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. Plastic or metal protrusions of 0.01 inches maximum per side are not included.
SOT261-2
19
25
28
1
4
511
18
12
26
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k1
k
X
y
e
E
B
D
H
E
H
v M B
D
Z D
A
Z E
e
v M A
0
5
10 mm
scale
92-11-17
95-02-25
pin 1 index
PLCC28: plastic leaded chip carrier; 28 leads
SOT261-2
UNIT
A
A
min.
max.
max.
max. max.
1
A4
bp
E (1)
(1)
(1)
eHE
Z
y
w
v
β
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
1.27
0.51
2.16
45
o
0.18
0.10
0.18
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
D(1)
11.58
11.43
HD
12.57
12.32
E
Z
2.16
D
b1
0.81
0.66
k
1.22
1.07
k 1
0.180
0.165
0.020
0.12
A3
0.25
0.01
0.05
0.020
0.085
0.007 0.004
0.007
Lp
1.44
1.02
0.057
0.040
0.456
0.450
11.58
11.43
0.456
0.450
0.495
0.485
12.57
12.32
0.495
0.485
eE
eD
10.92
9.91
0.430
0.390
10.92
9.91
0.430
0.390
0.085
0.032
0.026
0.048
0.042
E
e
inches
E
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com