Electronic Components Datasheet Search
  English  ▼

X  

AM79M535-2JC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79M535-2JC
Description  Metering Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535-2JC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79M535-2JC Datasheet HTML 7Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 8Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 9Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 10Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 11Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 12Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 13Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 14Page - Advanced Micro Devices AM79M535-2JC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SLIC Products
11
Notes:
1. Unless otherwise noted, test conditions are BAT = –48 V, VCC = +5 V, VEE = –5 V, RL = 600 Ω, CHP = 0.22 µF,
RDC1 = RDC2 = 31.25 kΩ, CDC = 0.1 µF, Rd = 51.1 kΩ, no fuse resistors, two-wire AC output impedance, programming
impedance (ZT)= 306 kΩ resistive, receive input summing impedance (ZRX) = 300 kΩ resistive. (See Table 2 for compo-
nent formulas.)
2. Overload level is defined when THD = 1%.
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes that the two-wire AC load impedance
matches the impedance programmed by ZT.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. These tests are performed with a longitudinal impedance of 90
Ω and metallic impedance of 300 Ω for frequencies below
12 kHz and 135
Ω for frequencies greater than 12 kHz. These tests are extremely sensitive to circuit board layout.
6. This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by characterization.
7. When the SLIC is in the Anti-sat 2 operating region, this parameter is degraded. The exact degradation depends on system
design. The Anti-sat 2 region occurs at high loop resistances when
V
BAT – VAX – VBX is less than approximately 17 V.
8. “Midpoint” is defined as the connection point between two 300
Ω series resistors connected between A(TIP) and B(RING).
9. Fundamental and harmonics from 256 kHz switch-regulator chopper are not included.
10. Total harmonic distortion with metering as specified with a metering signal of 2.2 Vrms at the two-wire output, and a transmit
signal of +3 dBm or receive signal of –4 dBm. The transmit or receive signals are single-frequency inputs, and the distortion
is measured as the highest in-band harmonic at the two-wire or the four-wire output relative to the input signal.
11. Noise with metering is measured by applying a 2.2 Vrms metering signal (measured at the two-wire output) and measuring
the psophometric noise at the two-wire and four-wire outputs over a 200 ms time interval.
12. Tested with 0
Ω source impedance. 2 MΩ is specified for system design purposes only.
13. Assumes the following ZT network:
14. Group delay can be considerably reduced by using a ZT network such as that shown in Note 13 above. The network reduces
the group delay to less than 2
µs. The effect of group delay on linecard performance may be compensated for by using the
QSLAC™ or DSLAC™ devices.
Note:
* A logic Low on E0 disables the DET output into the open-collector state.
Table 1.
SLIC Decoding
DET Output
State
C3 C2 C1
Two-Wire Status
E0 = 1*
E1 = 0
E0 = 1*
E1 = 1
0
0
0
0
Open Circuit
Ring trip
Ring trip
1
0
0
1
Ringing
Ring trip
Ring trip
2
0
1
0
Active
Loop detector
Ground key
3
0
1
1
On-hook TX (OHT)
Loop detector
Ground key
4
1
0
0
Tip Open
Loop detector
—
5
1
0
1
Reserved
Loop detector
—
6
1
1
0
Active Polarity Reversal
Loop detector
Ground key
7
1
1
1
OHT Polarity Reversal
Loop detector
Ground key
VTX
RSN
153 k
Ω
153 k
Ω
56 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com