Electronic Components Datasheet Search
  English  ▼

X  

TDA4655 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4655
Description  Generic multi-standard decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4655 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4655 Datasheet HTML 4Page - NXP Semiconductors TDA4655 Datasheet HTML 5Page - NXP Semiconductors TDA4655 Datasheet HTML 6Page - NXP Semiconductors TDA4655 Datasheet HTML 7Page - NXP Semiconductors TDA4655 Datasheet HTML 8Page - NXP Semiconductors TDA4655 Datasheet HTML 9Page - NXP Semiconductors TDA4655 Datasheet HTML 10Page - NXP Semiconductors TDA4655 Datasheet HTML 11Page - NXP Semiconductors TDA4655 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
June 1993
8
Philips Semiconductors
Preliminary specification
Generic multi-standard decoder
TDA4655
fg
cut-off frequency
−3 dB
−
730
−
kHz
td
chrominance delay time
400
500
600
ns
S/N
signal to noise ratio for 100 mV (p-p) input
signal and nominal output voltages
note 3
40
−−
dB
V1, V3
residual carrier at CD outputs:
1
× subcarrier frequency
(peak-to-peak value)
−−
10
mV
2
× subcarrier frequency
(peak-to-peak value)
−−
20
mV
∆V3
shift of demodulated f0 level relative to
blanking level
−(B-Y) output
note 9
−
0
±13
mV
∆V1
−(R-Y) output
−
0
±10
mV
Impedance and currents see PAL or NTSC specification
Capacitor for SECAM de-emphasis (pin 2)
C2
value of external capacitor
−
220
−
pF
RA
value of internal de-emphasis resistors
Tamb = +35 °C
2.4
2.8
3.2
k
Ω
RB
4.8
5.6
6.4
k
Ω
∆(RA/RB)
relative tolerance of de-emphasis resistors
−−±5%
Capacitors for SECAM demodulator control (pins 4 and 10; note 6)
∆V1, 3
shift of demodulated f0 level due to
external leakage current
Cext = 220 nF
−−
0.3
mV/nA
Resistor for SECAM oscillator (pin 7)
V7
DC voltage
2.4
2.81
3.2
V
R7
value of external resistor (
±1%)
−
5.62
−
k
Ω
C7
value of external capacitor (
±20%)
-
10
-
nF
Chrominance input (pin 11)
V11
input signal (peak-to-peak value)
note 7
20
200
400
mV
R11
input resistance
16
20
24
k
Ω
C11
input capacitance
−−
10
pF
Capacitor for ACC (pin 12; note 8)
∆V
1, 3
change of CD output signals during field
blanking due to external leakage current
Cext = 100 nF
−
0.2
−
%/nA
Hue control (NTSC) and service switch (pin 13)
φ
phase shift of reference carrier relative to
phase at open-circuit pin 13
V13 =3V
−30
−−°
V13 = open circuit
−50
+5
°
V13 =5V
+30
−−°
V13
internal bias voltage
(proportional to supply voltage)
pin 13 open circuit
3.8
4.0
4.2
V
R13
input resistance
25
30
35
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com