Electronic Components Datasheet Search
  English  ▼

X  

7280 Datasheet(PDF) 1 Page - Bi technologies

Part # 7280
Description  7/8 Diameter 10-Turn Wirewound Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7280 Datasheet(HTML) 1 Page - Bi technologies

  7280 Datasheet HTML 1Page - Bi technologies 7280 Datasheet HTML 2Page - Bi technologies 7280 Datasheet HTML 3Page - Bi technologies 7280 Datasheet HTML 4Page - Bi technologies 7280 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
2-97
Model 7280 Series
MODEL 7280 SERIES
7/8” Diameter
10-Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
100 to 100K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
±0.25%
Minimum Practical Independent Linearity
±0.15%, < 300 Ohms
±0.075%,
≥ 300 Ohms
Power Rating, Watts
2.0 at 70°C derating to 0 at 125°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
3600° + 10° – 0°, > 100 Ohms
3600° + 10° – 5°,
≤ 100 Ohms
Tap Tolerance
±3°
End Voltage, Maximum
0.25% of input voltage
MODEL STYLES
7281
1/8” Shaft, 1/4” Bushing
7283
1/8” Shaft, Servo
7284
6mm Shaft, 3/8” Bushing
7286
1/4” Shaft, 3/8” Bushing
7288 (for heavy side load applications) NEW PRODUCT
1/4” Shaft, 3/8” Bushing
Specifications subject to change without notice.


Similar Part No. - 7280

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
7280 TTELEC-7280 Datasheet
559Kb / 5P
Precision Potentiometer
logo
PHOENIX CONTACT
7280 PHOENIX-7280 Datasheet
758Kb / 43P
Inline Block IO Module for INTERBUS With 4 Analog Inputs and 2 Analog Outputs
logo
Arista Networks, Inc
7280-1RU-GEN3 ARISTA-7280-1RU-GEN3 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
logo
Renesas Technology Corp
72801L10LPFG RENESAS-72801L10LPFG Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
72801L10LPFG8 RENESAS-72801L10LPFG8 Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 7280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com