Electronic Components Datasheet Search
  English  ▼

X  

7380 Datasheet(PDF) 1 Page - Bi technologies

Part # 7380
Description  7/8 Diameter 3-Turn Wirewound Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7380 Datasheet(HTML) 1 Page - Bi technologies

  7380 Datasheet HTML 1Page - Bi technologies 7380 Datasheet HTML 2Page - Bi technologies 7380 Datasheet HTML 3Page - Bi technologies 7380 Datasheet HTML 4Page - Bi technologies 7380 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
2-103
Model 7380 Series
MODEL 7380 SERIES
7/8” Diameter
3–Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
100 to 30K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
±0.30% (<500 Ohms)
±0.25% (
≥500 Ohms)
Minimum Practical Independent Linearity
±0.30%, < 500 Ohms
±0.20%,
≥ 500 Ohms
Power Rating, Watts
1.5 at 70°C derating to 0 at 125°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
1080° + 10° – 0°, > 100 Ohms
1080° + 10° – 5°,
≤ 100 Ohms
Tap Tolerance
±3°
End Voltage, Maximum
0.25% of input voltage
MODEL STYLES
7381
1/8” Shaft, 1/4” Bushing
7383
1/8” Shaft, Servo
7386
1/4” Shaft, 3/8” Bushing
7388 (for heavy side load applications) NEW PRODUCT
1/4” Shaft, 3/8” Bushing
Specifications subject to change without notice.


Similar Part No. - 7380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7380 ETC2-7380 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7380 ETC2-7380 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
TT Electronics.
7380 TTELEC-7380 Datasheet
992Kb / 4P
Multi-Turn Precision Potentiometer
logo
Keystone Electronics Co...
7380 KEYSTONE-7380 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Molex Electronics Ltd.
73800-0000 MOLEX8-73800-0000 Datasheet
133Kb / 3P
2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, SMC, Press- Fit, Long Pin, Open End Option, 72 Circuits
More results

Similar Description - 7380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com