Electronic Components Datasheet Search
  English  ▼

X  

TLWR962 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLWR962
Description  TELUX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR962 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLWR962 Datasheet HTML 1Page - Vishay Siliconix TLWR962 Datasheet HTML 2Page - Vishay Siliconix TLWR962 Datasheet HTML 3Page - Vishay Siliconix TLWR962 Datasheet HTML 4Page - Vishay Siliconix TLWR962 Datasheet HTML 5Page - Vishay Siliconix TLWR962 Datasheet HTML 6Page - Vishay Siliconix TLWR962 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLWR962.
Document Number 83287
Rev. 1.4, 23-Sep-05
Vishay Semiconductors
www.vishay.com
1
19232
e3
TELUX™
Description
The TELUX™ series is a clear, non diffused LED for
applications where supreme luminous flux is required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed with super bright,
AllnGaP, OMA technology.
The supreme heat dissipation of TELUX™ allows
applications at high ambient temperatures.
All packing units are binned for luminous flux, forward
voltage and color to achieve the most homogenous
light appearance in application.
SAE and ECE color requirements for automobile
application are available for color red.
ESD resistivity 2 kV (HBM) according to MIL STD
883D, method 3015.7.
Features
• Utilizing one of the world’s brightest (AS)
AllnGaP technologies (OMA)
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = - 40 to + 110 °C
• Meets SAE and ECE color requirements for
the automobile industry for color red
• Packed in tubes for automatic insertion
• Luminous flux, forward voltage and color
categorized for each tube
• Small mechanical tolerances allow precise usage
of external reflectors or lightguides
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Exterior lighting
Tail-, Stop - and Turn Signals of motor vehicles
Replaces small incandescent lamps
Traffic signals and signs
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLWR9620
Red,
φ
V > 3000 mlm
30 °
AllnGaP on Si
TLWR9621
Red,
φ
V > 3500 mlm
30 °
AllnGaP on Si
TLWR9622
Red,
φ
V > 4000 mlm
30 °
AllnGaP on Si


Similar Part No. - TLWR962

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR9600 VISHAY-TLWR9600 Datasheet
217Kb / 5P
TELUX LED
15-Dec-10
TLWR9600 VISHAY-TLWR9600 Datasheet
2Mb / 4P
LEDs for Automotive and Outdoor Applications
TLWR9600 VISHAY-TLWR9600 Datasheet
220Kb / 5P
TELUX LED
07-Oct-15
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
TELUX LED
07-Oct-15
More results

Similar Description - TLWR962

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
TELUX LED
22-Apr-03
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
TELUX LED
14-Jan-05
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
TELUX LED
15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
TELUX LED
15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
TELUX LED
14-Jun-12
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
TELUX LED
15-Dec-10
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
TELUX LED
14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
TELUX LED
20-Sep-2021
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
TELUX LED
07-Oct-15
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
TELUX LED
18-Apr-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com