Electronic Components Datasheet Search
  English  ▼

X  

E7520 Datasheet(PDF) 2 Page - Intel Corporation

Part # E7520
Description  For Intel짰 XeonTM Processor and Low Voltage Intel짰 XeonTM Processor with 800 MHz System Bus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E7520 Datasheet(HTML) 2 Page - Intel Corporation

  E7520 Datasheet HTML 1Page - Intel Corporation E7520 Datasheet HTML 2Page - Intel Corporation E7520 Datasheet HTML 3Page - Intel Corporation E7520 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCI Express*1
For demanding I/O and networking applications, PCI Express
interfaces attach a variety of Intel and third-party I/O solution
components and adapters directly to the MCH at throughput
speeds of up to 4 GB/second on each x8 interface, allowing I/O
to keep pace with the rest of the platform. The Intel E7520 MCH
has three x8 PCI Express interfaces which can each be bifurcated
into two x4 interfaces for additional configuration flexibility.
Intel® 6300ESB I/O Controller Hub
Available as the I/O controller hub for legacy I/O support, the
Intel® 6300ESB I/O Controller Hub (ICH) attaches directly to the
MCH through the Intel® Hub Interface 1.5 connection at 266
MB/second. For the most demanding storage data transfers and
support for optional third-party software RAID 0, 1 technology, the
Intel 6300ESB ICH integrates dual independent SATA controllers
with 32-bit PCI connectivity, each capable of up to 150
MB/second transfer rate. Four Hi-Speed USB 2.0 ports allow
easy I/O connection, while offering improved bandwidth
compared to USB 1.1 devices. Unlike the Intel® 82801ER I/O
Controller Hub (ICH5R), the Intel 6300ESB ICH includes a PCI-X*
64/66 bus supporting up to four PCI-X 64/66 MHz devices.
Optional Intel® 6700PXH 64-bit PCI Hub
The Intel® 6700PXH 64-bit PCI Hub connects to the MCH
through a point-to-point x8 or x4 PCI Express interface. Each hub
contains two bus segments that can be independently configured
to operate in PCI (33 or 66 MHz) or 64-bit PCI mode 1 (66, 100,
or 133 MHz), for either 32-bit or 64-bit PCI/PCI-X devices. In
addition, each Intel 6700PXH 64-bit PCI Hub integrates two PCI
standard hot plug controllers—one per PCI/PCI-X interface—and
can be independently configured up to two PCI-X 64/133 MHz
segments. The Intel 6700PXH 64-bit PCI Hub supports multiple
PCI-X slots and frequencies for high-bandwidth I/O connectivity.
Intel
®
E7520
Memory
Controller
Hub
Intel® 6300ESB
I/O Controller Hub
Third-Party
Component
Intel® Xeon™
Processor†
Intel® Xeon™
Processor†
800 FSB
6700PXH
64-bit
PCI Hub
Intel®
IOP332 I/O
Processor
PCI-X
PCI-X
Three Configurable x8 PCI Express* Interfaces
(each x8 can be configurable as two x4s)
x4 or x8
PCI Express
Slot
x4 or x8
PCI Express
Slot
x4 or x8
PCI Express
Slot
DDR2-400
DDR 333
DDR 266
OR
OR
PCI-X* 66
PCI-X 66
PCI 33
Figure 1. The Intel
® E7520 chipset platform
configuration suits a wide range of price points
and unique application environments.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com