2 / 11 page

ProASIC3 Flash Family FPGAs
2
Pr od uct Br ief
I/Os Per Package1
ProASIC3
Devices
A3P030
A3P060
A3P125
A3P250 3
A3P400 3
A3P600
A3P1000
ARM-Enabled
ProASIC3
Devices
M7A3P250 3, 4
M7A3P400 3
M7A3P600
M7A3P1000
Package
I/O Type
QN132
81
80
84
87
19
–
–
–
–
–
VQ100
777171
68
13
–
–
–
–
–
TQ144
–
91
100
–
–
–
–
–
–
–
–
PQ208
–
–
133
151
34
151
34
154
35
154
35
FG144
–
96
97
97
24
97
25
97
25
97
25
FG256
–
–
–
157
38
178
38
177
43
177
44
FG484
–
–
–
–
–
194
38
235
60
300
74
Notes:
1. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
2. For A3P250 and A3P400 devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15.
3. The M7A3P250 device does not support FG256 or QN132 packages.
4. FG256 and FG484 are footprint-compatible packages.
5. "G" indicates RoHS-compliant packages. Refer to "ProASIC3 Ordering Information" on page 3 for the location of the "G" in the part
number.