Electronic Components Datasheet Search
  English  ▼

X  

ESDL2011 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ESDL2011
Description  ESD Protection Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL2011 Datasheet(HTML) 5 Page - ON Semiconductor

  ESDL2011 Datasheet HTML 1Page - ON Semiconductor ESDL2011 Datasheet HTML 2Page - ON Semiconductor ESDL2011 Datasheet HTML 3Page - ON Semiconductor ESDL2011 Datasheet HTML 4Page - ON Semiconductor ESDL2011 Datasheet HTML 5Page - ON Semiconductor ESDL2011 Datasheet HTML 6Page - ON Semiconductor ESDL2011 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ESDL2011
www.onsemi.com
5
IEC 61000−4−2 Spec.
Level
Test Volt-
age (kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30 ns
I @ 60 ns
tP = 0.7 ns to 1 ns
Figure 10. IEC61000−4−2 Spec
50 W
50 W
Cable
TVS
Oscilloscope
ESD Gun
Figure 11. Diagram of ESD Test Setup
ESD Voltage Clamping
For sensitive circuit elements it is important to limit the
voltage that an IC will be exposed to during an ESD event
to as low a voltage as possible. The ESD clamping voltage
is the voltage drop across the ESD protection diode during
an ESD event per the IEC61000−4−2 waveform. Since the
IEC61000−4−2 was written as a pass/fail spec for larger
systems such as cell phones or laptop computers it is not
clearly defined in the spec how to specify a clamping voltage
at the device level. onsemi has developed a way to examine
the entire voltage waveform across the ESD protection
diode over the time domain of an ESD pulse in the form of
an oscilloscope screenshot, which can be found on the
datasheets for all ESD protection diodes. For more
information on how onsemi creates these screenshots and
how to interpret them please refer to AND8307/D.
Figure 12. IEC61000−4−5 1.2/50 ms Pulse Waveform
t, TIME (ms)
50
0
100
tr = rise time to peak value [1.2 ms]
tf = decay time to half value [50 ms]
tr
tf
Peak
Value
Half Value
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com