Electronic Components Datasheet Search
  English  ▼

X  

TDA4686WP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4686WP
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686WP Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4686WP Datasheet HTML 1Page - NXP Semiconductors TDA4686WP Datasheet HTML 2Page - NXP Semiconductors TDA4686WP Datasheet HTML 3Page - NXP Semiconductors TDA4686WP Datasheet HTML 4Page - NXP Semiconductors TDA4686WP Datasheet HTML 5Page - NXP Semiconductors TDA4686WP Datasheet HTML 6Page - NXP Semiconductors TDA4686WP Datasheet HTML 7Page - NXP Semiconductors TDA4686WP Datasheet HTML 8Page - NXP Semiconductors TDA4686WP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1997 Jun 23
2
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
FEATURES
• Intended for double line frequency application
(100/120 Hz)
• Operates from an 8 V DC supply
• Black level clamping of the colour difference, luminance
and RGB input signals with coupling-capacitor DC level
storage
• Two analog RGB inputs, selected either by fast switch
signals or via I2C-bus; brightness and contrast control of
both RGB inputs
• Saturation, contrast, brightness and white adjustment
via I2C-bus
• Same RGB output black levels for Y/CD and RGB input
signals
• Timing pulse generation from either a 2 or 3-level
sandcastle pulse for clamping, vertical synchronization
and cut-off timing pulses
• Automatic cut-off control or clamped output selectable
via I2C-bus
• Automatic cut-off control with picture tube leakage
current compensation
• Cut-off measurement pulses after end of the vertical
blanking pulse or end of an extra vertical flyback pulse
• Increased RGB signal bandwidths
• Two switch-on delays to prevent discolouration before
steady-state operation
• Average beam current and peak drive limiting
• PAL/SECAM or NTSC matrix selection via I2C-bus
• Emitter-follower RGB output stages to drive the video
output stages
• I2C-bus controlled DC output e.g. for hue-adjust of
NTSC (multistandard) decoders
• No delay of clamping pulse
• Large luminance, colour difference and RGB bandwidth.
GENERAL DESCRIPTION
The TDA4686 is a monolithic integrated circuit with a
luminance and a colour difference interface for video
processing in TV receivers. Its primary function is to
process the luminance and colour difference signals from
a colour decoder which is equipped e.g. with the
multistandard decoder TDA4655 or TDA9160 plus delay
line TDA4661 and the Picture Signal Improvement (PSI)
IC, TDA467X, or from a feature module.
The required input signals are:
• Luminance and negative colour difference signals
• 2 or 3-level sandcastle pulse for internal timing pulse
generation
• I2C-bus data and clock signals for microcontroller
control.
Two sets of analog RGB colour signals can also be
inserted, e.g. one from a peritelevision connector and the
other from an on-screen display generator. The TDA4686
includes full I2C-bus control of all parameters and
functions with automatic cut-off control of the picture tube
cathode currents. It provides RGB output signals for the
video output stages.
The TDA4686 is a simplified, pin compatible (except for
pin 18) version of the TDA4680. The module address via
I2C-bus can be used for both ICs; where a function is not
included in the TDA4686 the I2C-bus command is not
executed. The differences with the TDA4680 are:
• No automatic white level control; the white levels are
determined directly by the I2C-bus data
• RGB reference levels for automatic cut-off control are
not adjustable via I2C-bus
• No clamping delay
• Only contrast and brightness adjust for the RGB input
signals
• The measurement lines are triggered either by the
trailing edge of the vertical component of the sandcastle
pulse or by the trailing edge of an optional external
vertical flyback pulse (on pin 18), according to which
occurs first.
The TDA4685 is like TDA4686 but intended for normal line
frequency application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com