Electronic Components Datasheet Search
  English  ▼

X  

TDA4687 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA4687
Description  Video processor with automatic cut-off control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4687 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA4687 Datasheet HTML 13Page - NXP Semiconductors TDA4687 Datasheet HTML 14Page - NXP Semiconductors TDA4687 Datasheet HTML 15Page - NXP Semiconductors TDA4687 Datasheet HTML 16Page - NXP Semiconductors TDA4687 Datasheet HTML 17Page - NXP Semiconductors TDA4687 Datasheet HTML 18Page - NXP Semiconductors TDA4687 Datasheet HTML 19Page - NXP Semiconductors TDA4687 Datasheet HTML 20Page - NXP Semiconductors TDA4687 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1997 Jun 23
17
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4687
Table 3
Demodulator axes and amplification factors
Table 4
PAL/SECAM and NTSC matrix; note 1
Note
1. PAL/SECAM signals are matrixed by the equation: VG − Y = −0.51VR − Y − 0.19VB − Y
NTSC signals are matrixed by the equations (hue phase shift of
−5 degrees):
VR − Y* = 1.57VR − Y − 0.41VB − Y; VG − Y* = −0.43VR − Y − 0.11VB − Y; VB − Y* =VB − Y
In the matrix equations: VR − Y and VB − Y are conventional PAL demodulation axes and amplitudes at the output of
the NTSC demodulator. VG − Y*, VR − Y* and VB − Y* are the NTSC modified colour difference signals; this is equivalent
to the demodulator axes and amplification factors shown in Table 3. VG − Y* = −0.27VR − Y* − 0.22VB − Y*.
PARAMETER
NTSC
PAL
(B
− Y)* demodulator axis
0
°
0
°
(R
− Y)* demodulator axis
115
°
90
°
(R
− Y)* amplification factor
1.97
1.14
(B
− Y)* amplification factor
2.03
2.03
MATRIX
NMEN
PAL/SECAM
0
NTSC
1
Fig.6 Cut-off measurement pulse.
(1) Maximum brightness.
(2) Nominal brightness.
handbook, full pagewidth
MHA697
cut-off measurement line
for red signal
ultra-black
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com