Electronic Components Datasheet Search
  English  ▼

X  

BCL322522-R47M Datasheet(PDF) 1 Page - Bi technologies

Part # BCL322522-R47M
Description  1210 Industry Size Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCL322522-R47M Datasheet(HTML) 1 Page - Bi technologies

  BCL322522-R47M Datasheet HTML 1Page - Bi technologies BCL322522-R47M Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Inductance Range
0.12µH to 120µH
• Standard Tolerance
±10%(<3.3µH = ±20%)
• Operating Temperature Range
-40°C to +105°C
• Ambient Temperature, Maximum
80°C
• Resistance to Solder Heat
260°C for 10 sec.
• Terminal Pull Strength, Minimum
0.5 kg
 
Electrical / Environmental
1210 Industry Size
Surface Mount Inductors
BCL322522-R12M
0.12±20%
30
25.2
500
0.22
450
BCL322522-R15M
0.15±20%
30
25.2
450
0.25
450
BCL322522-R18M
0.18±20%
30
25.2
400
0.28
450
BCL322522-R22M
0.22±20%
30
25.2
350
0.32
450
BCL322522-R27M
0.27±20%
30
25.2
320
0.36
450
BCL322522-R33M
0.33±20%
30
25.2
300
0.40
450
BCL322522-R39M
0.39±20%
30
25.2
250
0.45
450
BCL322522-R47M
0.47±20%
30
25.2
220
0.50
450
BCL322522-R56M
0.56±20%
30
25.2
180
0.55
450
BCL322522-R68M
0.68±20%
30
25.2
160
0.60
450
BCL322522-R82M
0.82±20%
30
25.2
140
0.65
450
BCL322522-1R0M
1.0±20%
30
7.96
120
0.70
400
BCL322522-1R2M
1.2±20%
30
7.96
100
0.75
390
BCL322522-1R5M
1.5±20%
30
7.96
85
0.85
370
BCL322522-1R8M
1.8±20%
30
7.96
80
0.90
350
BCL322522-2R2M
2.2±20%
30
7.96
75
1.00
320
BCL322522-2R7M
2.7±20%
30
7.96
70
1.10
290
BCL322522-3R3K
3.3±10%
30
7.96
60
1.20
260
BCL322522-3R9K
3.9±10%
30
7.96
55
1.30
250
BCL322522-4R7K
4.7±10%
30
7.96
50
1.50
220
BCL322522-5R6K
5.6±10%
30
7.96
47
1.60
200
BCL322522-6R8K
6.8±10%
30
7.96
43
1.80
180
BCL322522-8R2K
8.2±10%
30
7.96
40
2.00
170
BCL322522-100K
10.0±10%
30
2.52
36
2.10
150
BCL322522-120K
12.0±10%
30
2.52
33
2.50
140

15.0±10%
30
2.52
28
2.80
130
BCL322522-180K
18.0±10%
30
2.52
25
3.30
120
BCL322522-220K
22.0±10%
30
2.52
23
3.70
110
BCL322522-270K
27.0±10%
30
2.52
18
5.00
80
BCL322522-330K
33.0±10%
30
2.52
17
5.60
70
BCL322522-390K
39.0±10%
30
2.52
16
6.40
65
BCL322522-470K
47.0±10%
30
2.52
15
7.00
60
BCL322522-560K
56.0±10%
30
2.52
13
8.00
55
BCL322522-680K
68.0±10%
30
2.52
12
9.00
50
BCL322522-820K
82.0±10%
30
2.52
11
10.00
45
BCL322522-101K
100±10%
20
0.796
10
11.00
40
BCL322522-121K
120±10%
20
0.796
10
12.00
70
Specifications
Test
DC
Rated
Part
Inductance
Frequency
SRF
Resistance
Current
Number
µH
Q Min.
MHz
MHz Min.
Ω Max
IDC mA
RoHS
Compliant
for
‘LF’ Models
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
70


Similar Part No. - BCL322522-R47M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
BCL322520RT-100M-D PANASONIC-BCL322520RT-100M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-101M-D PANASONIC-BCL322520RT-101M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-150M-D PANASONIC-BCL322520RT-150M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-220M-D PANASONIC-BCL322520RT-220M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
BCL322520RT-2R2M-D PANASONIC-BCL322520RT-2R2M-D Datasheet
533Kb / 4P
Inductors for power circuits Wound metal BCL series (for automotive)
More results

Similar Description - BCL322522-R47M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
BCL565050 BITECH-BCL565050 Datasheet
224Kb / 2P
2220 Industry Size Surface Mount Inductors
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
IW3225R12M RFE-IW3225R12M Datasheet
63Kb / 1P
SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
logo
API Delevan
4302R API-4302R Datasheet
1Mb / 1P
Temperature Stable (1008 size) Surface Mount Inductors
logo
List of Unclassifed Man...
PM20-3R9K ETC2-PM20-3R9K Datasheet
36Kb / 1P
1210 Chip Inductors
logo
TDK Electronics
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
SMT inductors Transponder coils, size 1210
logo
Marktech Corporate
MTSM235K-G-A MARKTECH-MTSM235K-G-A Datasheet
76Kb / 2P
1210 Yellow Surface Mount LED
MTSM735KA-UR-A MARKTECH-MTSM735KA-UR-A Datasheet
86Kb / 2P
1210 Red Surface Mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com