Electronic Components Datasheet Search
  English  ▼

X  

MDS500L Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MDS500L
Description  high power COMMON BASE bipolar transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS500L Datasheet(HTML) 2 Page - Microsemi Corporation

  MDS500L Datasheet HTML 1Page - Microsemi Corporation MDS500L Datasheet HTML 2Page - Microsemi Corporation MDS500L Datasheet HTML 3Page - Microsemi Corporation MDS500L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
MDS500L
Pout and Nc vs Pin (32us; 2%)
0
100
200
300
400
500
600
700
0
20
40
60
80
100
Pin(W)
0
10
20
30
40
50
60
70
Pout
Efficiency
Pout and Nc vs Pin (32us burst,N=48)
0
100
200
300
400
500
600
700
10
20
30
40
50
60
70
80
Pin(W)
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com