Electronic Components Datasheet Search
  English  ▼

X  

CPM2C Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CPM2C
Description  Compact PLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 2Page - Omron Electronics LLC CPM2C Datasheet HTML 3Page - Omron Electronics LLC CPM2C Datasheet HTML 4Page - Omron Electronics LLC CPM2C Datasheet HTML 5Page - Omron Electronics LLC CPM2C Datasheet HTML 6Page - Omron Electronics LLC CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC CPM2C Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
54
CPU Units
(Continued)
CPM2C–CPU Unit
Model code
CPM2C–20CDT1M–D
− DIN rail mounting
− LED status display
Inputs
12 DC inputs
− LED status display
− Max. 5 Expansion Units
Outputs
8, transistor, PNP
Max. 5 Expansion Units
− 24−pin front connector*
Vlt
l 24 VDC
Data backup
Capacitor
− Voltage supply 24 VDC
− Pulse output
Real−time clock
−
− Pulse output
− MIL connector
Model code
CPM2C–20CDTM–D
Inputs
12 DC inputs
Outputs
8, transistor, NPN
Data backup
Capacitor
Real−time clock
−
Model code
CPM2C–20C1DT1M–D
Inputs
12 DC inputs
Outputs
8, transistor, PNP
Data backup
Battery
Real−time clock
Yes
Model code
CPM2C–20C1DTM–D
Inputs
12 DC inputs
Outputs
8, transistor, NPN
Data backup
Battery
Real−time clock
Yes
Model code
CPM2C–32CDT1M–D
Inputs
16 DC inputs
Outputs
16, transistor, PNP
Data backup
Capacitor
Real−time clock
−
Model code
CPM2C–32CDTM–D
Inputs
16 DC inputs
Outputs
16, transistor, NPN
Data backup
Capacitor
Real−time clock
−
CPM2C–CPU Unit
Model code
CPM2C–S110C
− DIN rail mounting
− LED status display
Inputs
6 DC inputs
− LED status display
− Max. 3 Expansion Units
Outputs
4, transistor, PNP
Max. 3 Expansion Units
− 24−pin front connector*
− Voltage supply 24 VDC
CompoBus/S Master
Up to 128 remote input points
+ 128 remote output points
Voltage supply 24 VDC
− Pulse output
FUJITSU connector
Data backup
Battery
− FUJITSU connector
Real−time clock
Yes
Model code
CPM2C–S100C
Inputs
6 DC inputs
Outputs
4, transistor, NPN
CompoBus/S Master
Up to 128 remote input points
+ 128 remote output points
Data backup
Battery
Real−time clock
Yes
* Front connector or terminal block and cable are not included in delivery package, see page 465.
Compact PLC Series CPM2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com