Electronic Components Datasheet Search
  English  ▼

X  

1750436 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1750436
Description  MCDNV 1,5/16-G1-3,81 P26THR - PCB header
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750436 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1750436 Datasheet HTML 1Page - PHOENIX CONTACT 1750436 Datasheet HTML 2Page - PHOENIX CONTACT 1750436 Datasheet HTML 3Page - PHOENIX CONTACT 1750436 Datasheet HTML 4Page - PHOENIX CONTACT 1750436 Datasheet HTML 5Page - PHOENIX CONTACT 1750436 Datasheet HTML 6Page - PHOENIX CONTACT 1750436 Datasheet HTML 7Page - PHOENIX CONTACT 1750436 Datasheet HTML 8Page - PHOENIX CONTACT 1750436 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 32,
number of rows: 2, number of positions: 16, number of connections: 32, product range: MCDNV
1,5/..-G1-THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without, mounting:
without, type of packaging: packed in cardboard, The pin length is 26 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: http:
"Downloads".
Your advantages
Designed for integration into the SMT soldering process
•
Vertical connection enables multi-row arrangement on the PCB
•
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Commercial data
Item number
1750436
Packing unit
30 pc
Minimum order quantity
30 pc
Note
Made to order (non-returnable)
Product key
AABTHD
Catalog page
Page 221 (C-1-2013)
GTIN
4046356314480
Weight per piece (including packing)
11.03 g
Weight per piece (excluding packing)
3.5 g
Country of origin
DE
MCDNV 1,5/16-G1-3,81 P26THR - PCB header
1750436
https://www.phoenixcontact.com/us/products/1750436
Jul 3, 2024, 5:16 AM
Page 1 (12)


Similar Part No. - 1750436

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results

Similar Description - 1750436

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1750407 PHOENIX-1750407 Datasheet
147Kb / 8P
Printed-circuit board connector - MCDNV 1,5/13-G1-3,81 P26THR
1750164 PHOENIX-1750164 Datasheet
137Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
09/12/2020
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1749560 PHOENIX-1749560 Datasheet
496Kb / 12P
PCB header - MCDN 1,5/ 6-G1-3,81 P26THR
1749557 PHOENIX-1749557 Datasheet
494Kb / 12P
MCDN 1,5/ 5-G1-3,81 P26THR - PCB header
1535194 PHOENIX-1535194 Datasheet
309Kb / 8P
DMC 1,5/16-G1-3,5-LR P26THR - PCB header
1749586 PHOENIX-1749586 Datasheet
493Kb / 12P
MCDN 1,5/ 8-G1-3,81 P26THR - PCB header
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com