Electronic Components Datasheet Search
  English  ▼

X  

S2B Datasheet(PDF) 3 Page - ON Semiconductor

Part # S2B
Description  General-Purpose Rectifiers (Glass Passivated)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S2B Datasheet(HTML) 3 Page - ON Semiconductor

  S2B Datasheet HTML 1Page - ON Semiconductor S2B Datasheet HTML 2Page - ON Semiconductor S2B Datasheet HTML 3Page - ON Semiconductor S2B Datasheet HTML 4Page - ON Semiconductor S2B Datasheet HTML 5Page - ON Semiconductor S2B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S2A−S2M
www.onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PD
Power Dissipation
2.35
W
RqJA
Thermal Resistance, Junction to Ambient (Note 1)
53
°C/W
1. Device is mounted on FR−4 PCB 0.013 mm.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
S2A
S2B
S2D
S2G
S2J
S2K
S2M
VF
Maximum Forward Voltage
IF = 2.0 A
1.15
V
trr
Typical Reverse−Recovery Time IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
2.0
ms
IR
Maximum Reverse Current at
Rated VR
TA = 25_C
1.0
mA
TA = 125_C
125
CT
Typical Total Capacitance
VR = 4.0 V, f = 1.0 MHz
30
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Marking
Package
Shipping†
S2B, NRVS2B*
S2B
SMB
(Pb−Free)
3000 / Tape & Reel
S2D, NRVS2D*
S2D
S2M, NRVS2M*
S2M
DISCONTINUED (Note 2)
Part Number
Marking
Package
Shipping†
S2A, NRVS2A*
S2A
SMB
(Pb−Free)
3000 / Tape & Reel
S2G, NRVS2G*
S2G
S2J, NRVS2J*
S2J
S2K, NRVS2K*
S2K
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NRV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.
2. DISCONTINUED: These devices are not recommended for new design. Please contact your onsemi representative for information. The
most current information on these devices may be available on www.onsemi.com.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com