Electronic Components Datasheet Search
  English  ▼

X  

PI6C484321 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C484321
Description  260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C484321 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI6C484321 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PS8765A
08/01/05
PI6C484321
260MHz Crystal-to-3.3V Differential
LVPECL Frequency Synthesizer
Paramater Measurement Information
3.3V Output Load Test Circuit
SCOPE
Qx
nQx
LVPECL
2V
-1.3V ± 0.165V
V
CC,
V
CCA,
V
CCO
V
EE
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1 contains 68.26% of all measurements
2 contains 95.4% of all measurements
3 contains 99.73% of all measurements
4 contains 99.99366% of all measurements
6 contains (100-1.973x10-7)% of all measurements
Histogram
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
FOUTx
nFOUTx
Clock
Outputs
20%
80%
80%
20%
tR
tF
VSWING
Output Skew
Output Duty Cycle/Pulse Width/Period
Period Jitter
Output Rise/Fall Time



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com