Electronic Components Datasheet Search
  English  ▼

X  

TDA4841PS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA4841PS
Description  I2C-bus autosync deflection controller for PC monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4841PS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA4841PS Datasheet HTML 16Page - NXP Semiconductors TDA4841PS Datasheet HTML 17Page - NXP Semiconductors TDA4841PS Datasheet HTML 18Page - NXP Semiconductors TDA4841PS Datasheet HTML 19Page - NXP Semiconductors TDA4841PS Datasheet HTML 20Page - NXP Semiconductors TDA4841PS Datasheet HTML 21Page - NXP Semiconductors TDA4841PS Datasheet HTML 22Page - NXP Semiconductors TDA4841PS Datasheet HTML 23Page - NXP Semiconductors TDA4841PS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
1999 Oct 25
20
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4841PS
Vertical oscillator (oscillator frequency in application without adjustment of free-running frequency ffr(V))
ffr(V)
free-running frequency
RVREF =22kΩ;
CVCAP = 100 nF
40
42
43.3
Hz
fcr(V)
vertical frequency catching
range
constant amplitude; note 7
50
−
160
Hz
VVREF
voltage at reference input for
vertical oscillator
−
3.0
−
V
td(scan)
delay between trigger pulse
and start of ramp at VCAP
(pin 24) (width of vertical
blanking pulse)
control bit VBLK = 0
220
260
300
µs
control bit VBLK = 1
305
350
395
µs
IVAGC
amplitude control current
control bit AGCDIS = 0
±120
±200
±300
µA
control bit AGCDIS = 1
−
0
−µA
CVAGC
external capacitor at VAGC
(pin 22)
150
−
220
nF
Differential vertical current outputs
ADJUSTMENT OF VERTICAL SIZE INCLUDING VGA AND EHT COMPENSATION; see Figs 3 to 7
VGAIN
vertical size without VGA
overscan (referenced to
nominal vertical size)
register VGAIN = 0;
register VSIZE = 127;
bit VOVSCN = 0; note 8
−
70
−
%
register VGAIN = 63;
register VSIZE = 127;
bit VOVSCN = 0; note 8
−
100
−
%
VSIZE
vertical size without VGA
overscan (referenced to
nominal vertical size)
register VSIZE = 0;
register VGAIN = 63;
bit VOVSCN = 0; note 8
−
60
−
%
register VSIZE = 127;
register VGAIN = 63;
bit VOVSCN = 0; note 8
−
100
−
%
VSIZEVGA
vertical size with VGA overscan
(referenced to nominal vertical
size)
register VSIZE = 0;
register VGAIN = 63;
bit VOVSCN = 1; note 8
−
70
−
%
register VSIZE = 127;
register VGAIN = 63;
bit VOVSCN = 1; note 8
115.9
116.8
117.7
%
VSMOD
EHT compensation on vertical
size via VSMOD (pin 21)
(referenced to 100% vertical
size)
Ii(VSMOD) =0
−
0
−
%
Ii(VSMOD) = −120 µA
−−7
−
%
Ii(VSMOD)
input current (pin 21)
VSMOD = 0
−
0
−µA
VSMOD =
−7%
−−120
−µA
Ri(VSMOD)
input resistance
300
−
500
Ω
Vref(VSMOD)
reference voltage at input
−
5.0
−
V
fro(VSMOD)
roll-off frequency (
−3 dB)
Ii(VSMOD) = −60 µA+ 15 µA
(RMS)
1
−−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com