Electronic Components Datasheet Search
  English  ▼

X  

S30RW3R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S30RW3R
Description  Sensors - ac-Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S30RW3R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  S30RW3R Datasheet HTML 1Page - List of Unclassifed Manufacturers S30RW3R Datasheet HTML 2Page - List of Unclassifed Manufacturers S30RW3R Datasheet HTML 3Page - List of Unclassifed Manufacturers S30RW3R Datasheet HTML 4Page - List of Unclassifed Manufacturers S30RW3R Datasheet HTML 5Page - List of Unclassifed Manufacturers S30RW3R Datasheet HTML 6Page - List of Unclassifed Manufacturers S30RW3R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN USA 55441 • Phone: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
S30 Sensors – ac-Voltage Series
P/N 121519
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair
or replace, free of charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty
period. This warranty does not cover damage or liability for the improper application of Banner products. This warranty is in lieu of any
other warranty either expressed or implied.
Style
Model
Length
Dimensions
Pinout
4-pin
Micro-style
Straight
MQAC-406
MQAC-415
MQAC-430
2 m (6.5')
5 m (15')
9 m (30')
4-pin
Micro-style
Right-angle
MQAC-406RA
MQAC-415RA
MQAC-430RA
2 m (6.5')
5 m (15')
9 m (30')
Quick-Disconnect (QD) Cables
ø 1/2-20UNF-2B
ø15 mm
(0.6")
44 mm max.
(1.7")
38 mm max.
(1.5")
1/2-20UNF-2B
ø 15 mm
(0.6")
38 mm max.
(1.5")
Green Wire
Red/Black
Wire
Red/White
Wire
Red Wire



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com