Electronic Components Datasheet Search
  English  ▼

X  

ABM7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM7
Description  MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM7 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM7 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
NOTES:
Frequency Range
Operation Mode
Operating Temperature
Storage Temperature
Frequency Tolerance @ 25°C
Frequency Stability over Temp.
Equivalent Series Resistance
(ESR)
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C First Year
Insulation Resistance
0.047Max
(1.2Max)
0.130±.008
(3.3±0.2)
0.079
0.031
(0.8)
(2.0)
0.20
(3.0)
0.236±.008
(6.0±0.2)
0.094
(2.4)
ELECTRODE
ARRANGEMENT
0.102
(2.6)
Recommended land pattern
0.075
(1.9)
0.075
(1.9)
* standard temperature only.
** + 100 ppm only.
# Option Z may apply to extended temperatures.
• Environmental, and mechanical specifications, see appendix C. Group 2.
• Marking, see appendix G.
• Tape and Reel, see appendix H.(1,000 pcs/reel)
• Recommended handling, see appendix F.
• Application notes, see appendix A.
• Reflow profile, see appendix E.
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
ABM7
MINI LOW PROFILE CERAMIC SURFACE MOUNT
MINI LOW PROFILE CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTALS
MICROPROCESSOR CRYSTALS
MINI LOW PROFILE CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTALS
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
- B for -20°C to +70°C
- C for -30°C to +70°C
- N for -30°C to +85°C**
- D for -40°C to +85°C**
- Y for ± 25 ppm max.*
- H for ± 35 ppm max.*
- Z for ± 100 ppm max.#
ABM7 - Frequency - CL - ESR - Temperature - Tolerance - Stability - Packaging
-T for (Tape & Reel)
- 4 for ±30ppm max
- 2 for ±20ppm max
XX.XXXX MHz
RXXX (value in
Ω
)
Load cap. in pF
or -S for Series
APPLICATIONS:
• Computers, Modems, Communication equipment.
• Thin equipment
FEATURES:
• Low in height (1.3 mm max.)
• Ceramic package assures high reliability.
• Small size SMD, suitable for high density applications.
• Superior heat-resistant glass sealing.
6.0 X 3.3 X 1.2
PARAMETERS
10.00 MHz - 50.00 MHz
Fundamental AT
-10°C to + 70°C (see options)
- 40°C to + 85°C
± 50 ppm max. (see options)
± 50 ppm max. (see options)
60
Ω max. for 10.0MHz < F < 16.0MHz
50
Ω max. for 16.0MHz < F < 50.0MHz
7pF max.
18pF (see options)
100µW max., 10µW correlation
± 5ppm max.
500M
Ω min. @ 100Vdc ± 15V
_
_


Similar Part No. - ABM7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM7 ABRACON-ABM7 Datasheet
197Kb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
ABM75C ABRACON-ABM75C Datasheet
169Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM75CA ABRACON-ABM75CA Datasheet
160Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM7 ABRACON-ABM7_07 Datasheet
197Kb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
More results

Similar Description - ABM7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
ABMM2 ABRACON-ABMM2 Datasheet
641Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
05.01.07
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
ABM4A ABRACON-ABM4A_07 Datasheet
259Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
12.28.07
ABMM2-8.000MHZ-E2-T ABRACON-ABMM2-8.000MHZ-E2-T Datasheet
1Mb / 3P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM1 ABRACON-ABMM1_10 Datasheet
700Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.08.10
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
ABMM2 ABRACON-ABMM2_15 Datasheet
1Mb / 3P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com