Electronic Components Datasheet Search
  English  ▼

X  

ABM9 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM9
Description  MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM9 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM9 Datasheet HTML 1Page - Abracon Corporation ABM9 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABM9
APPLICATIONS:
• High density applications.
• Modems, communication and test equipment.
• PMCIA, Wireless applications.
FEATURES:
• Low in height; suitable for thin equipment.
• Ceramic package and metal lid assures high reliability.
• Tight tolerance and stability available.
• Suitable for solder reflow.
• High precision crystal, fundamental mode.
4.0 x 2.5 x 0.7mm
Pb RoHS
Compliant
MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
FREQ (MHz)
ESR (
Ω)max.
12.000 - 23.999
24.000 - 32.000
80
60
TABLE 1 - Standard ESR
(*) Frequencies above 32MHz based
on availability. Please contact
ABRACON for further details.
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
E
0°C to +70°C
Blank
Bulk
B
-20°C to +70°C
C
-30°C to +70°C
N
-30°C to +85°C
D
-40°C to +85°C
U
± 10 ppm(*)
G
± 15 ppm(*)
X
± 20 ppm
1
± 10 ppm
W
± 25 ppm
7
± 15 ppm
Y
± 30 ppm
2
± 20 ppm
H
± 35 ppm
3
± 25 ppm
Z
± 100 ppm(#)
4
± 30 ppm
(*) -10 C to +60 C only
(#) For extended temperatures.
*Contact ABRACON for
tighter freq. stability.
Tape and
Reel
Freq. Tolerance
Freq. Stability
XX.XXXXMHz
Frequency
Load Capacitance
ABM9 - Frequency -
- R
-
-
-
-
Operating Temp.
Packaging
T
Please specify CL in pF or
S for Series
RXXX (value inΩ
if it is custom.)
ESR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.31.07
Visit www.abracon.com for Terms & Conditions of Sale
Frequency Tolerance
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
12.00 MHz - 32.00 MHz (*)
Fundamental AT
-10°C to + 60°C (see options)
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABM9 Series
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 105°C
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C Per Year
Insulation Resistance
See Table 1
18pF (see options)
100μW max., 10μ W typical
500M
Ω min with 100 Vdc ± 15 Vdc
7pF max.
± 5ppm max.


Similar Part No. - ABM9

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
ABM9-R40-B-B1G ABRACON-ABM9-R40-B-B1G Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-R40-B-B2G ABRACON-ABM9-R40-B-B2G Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-R40-B-B3G ABRACON-ABM9-R40-B-B3G Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-R40-B-B4G ABRACON-ABM9-R40-B-B4G Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
More results

Similar Description - ABM9

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM3 ABRACON-ABM3_08 Datasheet
837Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
03.06.08
ABM3 ABRACON-ABM3_10 Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
12.28.10
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM3 ABRACON-ABM3_15 Datasheet
1Mb / 3P
MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM9 ABRACON-ABM9_15 Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com