Electronic Components Datasheet Search
  English  ▼

X  

TDA4853 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 31Page - NXP Semiconductors TDA4853 Datasheet HTML 32Page - NXP Semiconductors TDA4853 Datasheet HTML 33Page - NXP Semiconductors TDA4853 Datasheet HTML 34Page - NXP Semiconductors TDA4853 Datasheet HTML 35Page - NXP Semiconductors TDA4853 Datasheet HTML 36Page - NXP Semiconductors TDA4853 Datasheet HTML 37Page - NXP Semiconductors TDA4853 Datasheet HTML 38Page - NXP Semiconductors TDA4853 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 5
List of I2C-bus controlled functions and those accessible by pins; notes 1 and 2
FUNCTION
NAME
BITS
SAD
(HEX)
REGISTER ASSIGNMENT
CONTROL
BIT
RANGE
FUNCTION
TRACKS WITH
D7
D6
D5
D4
D3
D2
D1
D0
Horizontal size
HSIZE
8
00
D7
D6
D5
D4
D3
D2
D1
D0
−
0.1 to 3.6 V
HSMOD
Vertical position
VPOS
7
02
D7
D6
D5
D4
D3
D2
D1
X
VPC
±11.5%
VSMOD
Vertical linearity
balance
VLINBAL
4
03
X
D6
D5
D4
D3
#
#
#
VLC
±2.5% of 100%
vertical size
VSIZE, VOVSCN,
VPOS and
VSMOD
Moire cancellation
via vertical
position
VMOIRE
3
03
#
#
#
#
#
D2
D1
D0
MOD
0 to 0.08% of
vertical amplitude
−
Horizontal
pincushion
HPIN
6
04
X
X
D5
D4
D3
D2
D1
D0
−
0 to 1.44 V
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Moire cancellation
via horizontal
position
HMOIRE
5
05
X
X
X
D4
D3
D2
D1
D0
MOD
0 to 0.05% of
horizontal period
−
Horizontal
position
HPOS
8
06
D7
D6
D5
D4
D3
D2
D1
D0
−±13% of horizontal
period
−
Vertical linearity
VLIN
4
07
D7
D6
D5
D4
#
#
#
#
VSC
−2to −46%
VSIZE, VOVSCN,
VPOS and
VSMOD
EW pin balance
HPINBAL
4
07
#
#
#
#
D3
D2
D1
D0
HBC and
ACD
±1% of
horizontal period
VSIZE, VOVSCN
and VPOS
Vertical size
VSIZE
7
08
D7
D6
D5
D4
D3
D2
D1
X
−
60 to 100%
VSMOD
Horizontal corner
correction
HCOR
5
09
X
X
X
D4
D3
D2
D1
D0
VSC
+6 to
−46% of
parabola
amplitude
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Horizontal
trapezium
correction
HTRAP
4
0C
D7
D6
D5
D4
#
#
#
#
VPC
±0.33 V
VSIZE, VOVSCN,
VPOS, HSIZE and
HSMOD
Horizontal
parallelogram
HPARAL
4
0C
#
#
#
#
D3
D2
D1
D0
HPC and
ACD
±1% of horizontal
period
VSIZE, VOVSCN
and VPOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com