Electronic Components Datasheet Search
  English  ▼

X  

TDA4856 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4856
Description  I2C-bus autosync deflection controller for PC monitors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4856 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4856 Datasheet HTML 9Page - NXP Semiconductors TDA4856 Datasheet HTML 10Page - NXP Semiconductors TDA4856 Datasheet HTML 11Page - NXP Semiconductors TDA4856 Datasheet HTML 12Page - NXP Semiconductors TDA4856 Datasheet HTML 13Page - NXP Semiconductors TDA4856 Datasheet HTML 14Page - NXP Semiconductors TDA4856 Datasheet HTML 15Page - NXP Semiconductors TDA4856 Datasheet HTML 16Page - NXP Semiconductors TDA4856 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
1999 Jul 13
13
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4856
Table 3
Activation of protection mode
When the protection mode is active, several pins of the
TDA4856 are forced into a defined state:
HDRV (horizontal driver output) is floating
BDRV (B+ control driver output) is floating
HUNLOCK (indicates, that the frequency-to-voltage
converter is out of lock) is floating (HIGH-level via
external pull-up resistor)
CLBL provides a continuous blanking signal
The capacitor at HPLL2 is discharged.
If the soft start procedure is activated via the I2C-bus, all of
these actions will be performed in a well defined sequence
(see Figs 24 and 25).
Power dip recognition
In standby mode the I2C-bus will only answer with an
acknowledge, when data is sent to control register with
subaddress 1AH. This register contains the standby and
soft start control bit.
If the I2C-bus master transmits data to another register, an
aknowledge is given after the chip address and the
subaddress; an acknowledge is not given after the data.
This indicates that only in soft start mode data can be
stored into normal registers.
If the supply voltage dips under 8.1 V the TDA4856 leaves
normal operation mode and changes into standby mode.
The microcontroller can check this state by sending data
into a register with the subaddress 0XH. The acknowledge
will only be given on the data if the TDA4856 is active.
Due to this behaviour the start-up of the TDA4856 is
defined as follows. The first data that is transferred to the
TDA4856 must be sent to the control register with
subaddress 1AH. Any other subaddress will not lead to an
acknowledge. This is a limitation in checking the
I2C-busses of the monitor during start-up.
ACTIVATION
RESET
Low supply voltage at pin 10 increase supply voltage;
reload registers;
soft start via I2C-bus
Power dip, below 8.1 V
reload registers;
soft start via I2C-bus or
via supply voltage
X-ray protection XRAY
(pin 2) triggered
reload registers;
soft start via I2C-bus
HPLL2 (pin 30) externally
pulled to ground
release pin 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com