Electronic Components Datasheet Search
  English  ▼

X  

MSC1175M Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MSC1175M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1175M Datasheet(HTML) 1 Page - Advanced Power Technology

  MSC1175M Datasheet HTML 1Page - Advanced Power Technology MSC1175M Datasheet HTML 2Page - Advanced Power Technology MSC1175M Datasheet HTML 3Page - Advanced Power Technology MSC1175M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSC1175M
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MSC1175M is a NPN bipolar transistor specifically designed for
high peak pulse power applications such as DME/TACAN.
This device is capable of withstanding a minimum 20:1 load
VSWR at any phase angle under full rated conditions. Internal
impedance matching provides consistent broadband performance.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
400
W
IC
Device Current
12
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature
250
°°C
TSTG
Storage Temperature
-65 to +200
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
0.3
°°C/W
Features
Features
• 1025 – 1150 MHz
• 50 VOLTS
• INTERNAL INPUT/OUTPUT MATCHING
• P
OUT = 175 WATTS
• G
P = 7.7 dB MINIMUM
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MSC1175M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSC1175M ETC1-MSC1175M Datasheet
140Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MSC1175M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com