Electronic Components Datasheet Search
  English  ▼

X  

C308 Datasheet(PDF) 6 Page - Coilcraft lnc.

Part # C308
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C308 Datasheet(HTML) 6 Page - Coilcraft lnc.

Back Button C308 Datasheet HTML 2Page - Coilcraft lnc. C308 Datasheet HTML 3Page - Coilcraft lnc. C308 Datasheet HTML 4Page - Coilcraft lnc. C308 Datasheet HTML 5Page - Coilcraft lnc. C308 Datasheet HTML 6Page - Coilcraft lnc. C308 Datasheet HTML 7Page - Coilcraft lnc. C308 Datasheet HTML 8Page - Coilcraft lnc. C308 Datasheet HTML 9Page - Coilcraft lnc. C308 Datasheet HTML 10Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
0402HP
Inductance
Percent
SRF typ DCR max Irms
1.7 GHz
Part number
(nH)
tolerance*
(GHz)
(Ohms)
(mA)
L typ
Q typ
0402HP-1N0XJRW
1.0 @ 250 MHz
5
16.0
0.030
2300
0.99
72
0402HP-2N0XJRW
2.0 @ 250 MHz
5
15.2
0.038
2100
1.98
85
0402HP-2N2XJRW
2.2 @ 250 MHz
5
15.1
0.038
2100
2.17
86
0402HP-2N4X_RW
2.4 @ 250 MHz
5,3,2
14.0
0.042
2000
2.38
83
0402HP-2N7X_RW
2.7 @ 250 MHz
5,3,2
13.0
0.085
1500
2.68
85
0402HP-3N3X_RW
3.3 @ 250 MHz
5,3,2
12.8
0.045
1700
3.28
95
0402HP-3N6X_RW
3.6 @ 250 MHz
5,3,2
11.7
0.045
1700
3.58
94
0402HP-3N9X_RW
3.9 @ 250 MHz
5,3,2
9.50
0.045
1700
3.91
98
0402HP-4N3X_RW
4.3 @ 250 MHz
5,3,2
7.15
0.050
1600
4.33
90
0402HP-4N7X_RW
4.7 @ 250 MHz
5,3,2
6.85
0.075
1500
4.74
83
0402HP-5N1X_RW
5.1 @ 250 MHz
5,3,2
6.80
0.125
1200
5.16
76
0402HP-5N6X_RW
5.6 @ 250 MHz
5,3,2
6.50
0.055
1600
5.66
105
0402HP-6N2X_RW
6.2 @ 250 MHz
5,3,2
5.80
0.055
1600
6.25
100
0402HP-6N8X_RW
6.8 @ 250 MHz
5,3,2
5.80
0.070
1500
6.97
94
0402HP-7N5X_RW
7.5 @ 250 MHz
5,3,2
5.40
0.100
1400
7.77
82
0402HP-8N2X_RW
8.2 @ 250 MHz
5,3,2
5.40
0.065
1500
8.40
95
0402HP-8N7X_RW
8.7 @ 250 MHz
5,3,2
5.00
0.070
1500
9.04
95
0402HP-9N0X_RW
9.0 @ 250 MHz
5,3,2
5.00
0.080
1400
9.21
92
0402HP-9N5X_RW
9.5 @ 250 MHz
5,3,2
4.70
0.090
1400
9.97
90
0402HP-10NX_RW
10 @ 250 MHz
5,3,2
4.70
0.110
1300
10.4
90
0402HP-11NX_RW
11 @ 250 MHz
5,3,2
4.70
0.065
1400
11.6
98
0402HP-12NX_RW
12 @ 250 MHz
5,3,2
4.40
0.100
1200
12.6
100
0402HP-13NX_RW
13 @ 250 MHz
5,3,2
4.20
0.155
870
13.9
82
0402HP-15NX_RW
15 @ 250 MHz
5,3,2
3.90
0.115
1100
16.0
85
0402HP-16NX_RW
16 @ 250 MHz
5,3,2
3.70
0.150
850
17.3
77
0402HP-17NX_RW
17 @ 250 MHz
5,3,2
3.70
0.230
650
18.7
64
0402HP-18NX_RW
18 @ 250 MHz
5,3,2
3.55
0.120
900
19.5
74
0402HP-19NX_RW
19 @ 250 MHz
5,3,2
3.50
0.145
850
20.7
88
0402HP-20NX_RW
20 @ 250 MHz
5,3,2
3.50
0.185
780
22.0
76
0402HP-21NX_RW
21 @ 250 MHz
5,3,2
1.70
0.460
450
23.2
62
0402HP-22NX_RW
22 @ 250 MHz
5,3,2
3.30
0.160
800
24.4
74
0402HP-23NX_RW
23 @ 250 MHz
5,3,2
3.30
0.160
800
25.5
77
0402HP-24NX_RW
24 @ 250 MHz
5,3,2
3.15
0.210
700
27.1
71
0402HP-25NX_RW
25 @ 250 MHz
5,3,2
3.15
0.260
700
28.3
73
0402HP-26NX_RW
26 @ 250 MHz
5,3,2
3.15
0.290
700
29.3
74
0402HP-27NX_RW
27 @ 250 MHz
5,3,2
3.20
0.350
450
29.5
86
0402HP-30NX_RW
30 @ 250 MHz
5,3,2
2.90
0.350
450
35.0
87
0402HP-33NX_RW
33 @ 250 MHz
5,3,2
2.80
0.330
490
38.3
80
0402HP-36NX_RW
36 @ 250 MHz
5,3,2
2.80
0.390
480
42.2
76
0402HP-37NX_RW
37 @ 250 MHz
5,3,2
2.70
0.480
470
44.0
72
0402HP-39NX_RW
39 @ 250 MHz
5,3,2
2.60
0.430
450
47.0
84
0402HP-40NX_RW
40 @ 250 MHz
5,3,2
2.60
0.430
450
47.4
75
0402HP-43NX_RW
43 @ 250 MHz
5,3,2
2.50
0.520
450
54.1
68
0402HP-47NX_RW
47 @ 250 MHz
5,3,2
2.40
0.580
420
58.9
62
0402HP-51NX_RW
51 @ 250 MHz
5,3,2
2.30
0.700
360
58.8
59
0402HPH-56NX_RW 56 @ 250 MHz
5,3,2
2.07
0.900
330
72.2
64
0402HPH-68NX_RW 68 @ 250 MHz
5,3,2
1.84
1.00
320
91.4
64
0402HPH-82NX_RW 82 @ 250 MHz
5,3,2
1.75
1.10
315
—
—
0402HPH-R10X_RW 100 @ 250 MHz
5,3,2
1.58
1.20
310
—
—
0402HPH-R12X_RW 120 @ 250 MHz
5,3,2
1.25
1.20
310
—
—
0402HPH-R15X_RW 150 @ 250 MHz
5,3,2
1.14
2.0
240
—
—
0402HPH-R16X_RW 160 @ 250 MHz
5,3,2
1.65
2.0
240
—
—
0402HPH-R18X_RW 180 @ 250 MHz
5,3,2
1.08
2.1
240
—
—
0402HPH-R22X_RW 220 @ 250 MHz
5,3,2
0.96
3.1
160
—
—
0402PA High Current
Inductance
Percent
SRF typ DCR typ Irms
1.7 GHz
Part number
(nH)
tolerance* (GHz)
(Ohms) (mA)
L typ
Q typ
0402PA-0N8XJRW
0.78 @ 250 MHz
5
15.2
0.018
1860
0.76
55
0402PA-1N9X_RW
1.9 @ 250 MHz
5,2
12.5
0.022
1700
1.81
73
0402PA-3N4X_RW
3.4 @ 250 MHz
5,2
7.20
0.030
1500
3.33
93
0402PA-3N5X_RW
3.5 @ 250 MHz
5,2
8.75
0.040
1400
3.55
82
0402PA-5N8X_RW
5.8 @ 250 MHz
5,2
5.45
0.045
1300
5.70
83
0402PA-6N2X_RW
6.2 @ 250 MHz
5,2
4.95
0.055
1150
6.28
81
0402PA-8N2X_RW
8.2 @ 250 MHz
5,2
4.65
0.060
1100
8.19
82
0402HL
Inductance
SRF typ
DCR max
I
rms
Part number
±5% (nH)
Q typ
(MHz)
(Ohms)
(mA)
0402HL-271XJRW
270 @ 25 MHz
11 @ 25 MHz
590
1.95
190
0402HL-301XJRW
300 @ 25 MHz
11 @ 25 MHz
600
2.15
190
0402HL-331XJRW
330 @ 25 MHz
11 @ 25 MHz
513
2.23
170
0402HL-361XJRW
360 @ 25 MHz
11 @ 25 MHz
485
2.36
170
0402HL-391XJRW
390 @ 25 MHz
11 @ 25 MHz
260
2.35
170
0402HL-471XJRW
470 @ 25 MHz
11 @ 25 MHz
220
2.67
160
0402HL-511XJRW
510 @ 25 MHz
12 @ 25 MHz
450
3.50
150
0402HL-561XJRW
560 @ 25 MHz
12 @ 25 MHz
420
3.70
140
0402HL-601XJRW
600 @ 25 MHz
12 @ 25 MHz
440
3.78
130
0402HL-681XJRW
680 @ 25 MHz
13 @ 25 MHz
380
5.15
120
0402HL-741XJRW
740 @ 25 MHz
12 @ 25 MHz
165
5.45
110
0402HL-821XJRW
820 @ 25 MHz
13 @ 25 MHz
385
5.85
90
0403HQ High Q
Inductance
SRF typ
DCR max
I
rms
1.7 GHz
Part number
±5% (nH)
Q min
(GHz)
(Ohms)
(A)
L typ Q typ
0403HQ-1N9XJEW 1.9 @ 500 MHz
40
11.84
0.012
2.2
1.9
94
0403HQ-2N1XJEW 2.1 @ 500 MHz
35
12.40
0.019
1.8
2.1
88
0403HQ-3N4XJEW 3.4 @ 500 MHz
40
8.97
0.016
1.9
3.5
96
0403HQ-3N7XJEW 3.7 @ 500 MHz
40
8.65
0.018
1.8
3.8
95
0403HQ-5N5XJEW 5.5 @ 500 MHz
40
8.60
0.022
1.5
5.7
93
0403HQ-6N6XJEW 6.6 @ 500 MHz
40
7.30
0.046
1.1
6.9
92
0403HQ-8N2XJEW 8.2 @ 500 MHz
40
6.73
0.040
1.2
8.5
92
0403HQ-9N0XJEW 9.0 @ 500 MHz
40
6.85
0.055
1.0
9.5
90
0403HQ-12NXJEW 12 @ 500 MHz
40
5.82
0.065
0.80
12.7
90
0403HQ-15NXJEW 15 @ 500 MHz
35
5.82
0.188
0.50
16.0
90
0403HQ-18NXJEW 18 @ 500 MHz
35
5.15
0.185
0.50
19.6
93
0402FL Low Profile
Impedance
Inductance
typ (Ohms)
SRF typ
DCR max
I
rms
Part number
±5% (nH)
900 MHz 1.7 GHz
(MHz)
(Ohms)
(mA)
0402FL-200XJR_
20
95
170
2950
0.065
1300
0402FL-360XJR_
36
185
365
2250
0.085
1050
0402FL-560XJR_
56
285
610
1900
0.11
900
0402FL-770XJR_
77
380
825
1800
0.125
850
0402FL-101XJR_
100
525
1240
1575
0.145
820
0402FL-121XJR_
120
650
1450
1950
0.165
810
0402FL-151XJR_
150
770
1600
1300
0.18
730
0402FL-161XJR_
160
900
2000
1850
0.235
630
0402FL-181XJR_
180
990
2050
1800
0.2
690
0402FL-221XJR_
220
1280
3300
1120
0.29
580
0402FL-271XJR_
270
1825
3625
975
0.3
560
0402FL-331XJR_
330
2330
3100
875
0.475
400
0402FL-391XJR_
390
3150
3115
820
0.56
360
0402FL-421XJR_
420
3325
3540
800
0.57
360
0402FL-471XJR_
470
4460
3160
750
0.8
330
0402FL-561XJR_
560
5025
3150
700
0.97
290
0402DF Ferrite
Impedance
Inductance
typ (Ohms)
SRF typ
DCR max
I
rms
Part number
±5% (nH)
900 MHz 1.7 GHz
(MHz)
(Ohms)
(mA)
0402DF-200XJRW
20@7.9MHz
90
150
2950
0.049
1400
0402DF-300XJRW
30@7.9MHz
120
200
2600
0.055
1300
0402DF-330XJRW
33 @7.9MHz
135
225
2550
0.055
1300
0402DF-360XJRW
36@7.9MHz
150
250
2400
0.055
1300
0402DF-560XJRW
56@7.9MHz
250
480
2200
0.061
1200
0402DF-770XJRW
77@7.9MHz
350
580
2050
0.072
1100
0402DF-101XJRW
105@7.9MHz
530
1000
1660
0.104
850
0402DF-121XJRW
120@7.9MHz
515
900
2000
0.090
950
0402DF-141XJRW
140@7.9MHz
650
1075
1450
0.141
750
0402DF-151XJRW
150@7.9MHz
700
1170
1800
0.130
830
0402DF-181XJRW
180@7.9MHz
850
1460
1680
0.172
730
0402DF-221XJRW
220@7.9MHz
1100
2050
1560
0.240
600
0402DF-271XJRW
270@7.9MHz
1300
2150
1480
0.265
590
0402DF-301XJRW
300@7.9MHz
1725
2630
1400
0.340
490
0402DF-331XJRW
330@7.9MHz
2100
2750
1340
0.435
430
0402DF-361XJRW
360@7.9MHz
2150
3100
1200
0.475
420
0402DF-421XJRW
420@7.9MHz
2175
3350
1100
0.510
400
0402DF-471XJRW
470@7.9MHz
2550
3670
1070
0.670
340
0402DF-531XJRW
530@7.9MHz
3950
3050
1000
0.715
330
0402DF-591XJRW
590@7.9MHz
4770
3090
960
0.780
320
0402DF-701XJRW
700@7.9MHz
5750
1830
600
1.30
230
0402DF-771XJRW
770@7.9MHz
4900
1800
585
1.35
220
0402DF-901XJRW
900@7.9MHz
7130
4470
760
1.50
230
0402DF-102XJRW
1000@7.9MHz
280
180
235
1.05
190
0402DF-222XJRW
2200@7.9MHz
200
120
125
1.80
170
0402DF-332XJRW
3300@7.9MHz
160
80
80
2.20
150
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with the
proper tolerance code: G = 2%, J = 5%. (e.g. 0402PA-8N2XGRW for a 2% tolerance part.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com