Electronic Components Datasheet Search
  English  ▼

X  

C310 Datasheet(PDF) 50 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 50 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 46Page - Coilcraft lnc. C310 Datasheet HTML 47Page - Coilcraft lnc. C310 Datasheet HTML 48Page - Coilcraft lnc. C310 Datasheet HTML 49Page - Coilcraft lnc. C310 Datasheet HTML 50Page - Coilcraft lnc. C310 Datasheet HTML 51Page - Coilcraft lnc. C310 Datasheet HTML 52Page - Coilcraft lnc. C310 Datasheet HTML 53Page - Coilcraft lnc. C310 Datasheet HTML 54Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
50
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
*High-temperature, AEC grade 1 version available.
Visit https://www.coilcraft.com/en-us/quality/aec-q200-components/.
MSD7342 Coupled
I
rms(A)
Inductance DCRmax SRFtyp K
LeakL
I
sat(A)
both
one
Part number
±20%(µH) (Ohms)
(MHz)
typ typ(µH) 30%drop windings winding
MSD7342-252MLC
2.5
0.033
55
0.97 0.14
6.3
2.17
3.06
MSD7342-332MLC
3.3
0.037
43
0.99 0.09
5.4
2.05
2.89
MSD7342-472MLC
4.7
0.051
35
0.99 0.11
4.6
1.74
2.46
MSD7342-562MLC
5.6
0.063
32
0.99 0.09
4.2
1.57
2.22
MSD7342-682MLC
6.8
0.070
30
0.99 0.14
3.9
1.49
2.10
MSD7342-822MLC
8.2
0.075
27
0.98 0.25
3.5
1.44
2.03
MSD7342-103MLC
10
0.100
22
0.98 0.30
3.0
1.24
1.76
MSD7342-123MLC
12
0.120
20
0.98 0.36
2.7
1.14
1.61
MSD7342-153MLC
15
0.130
18
0.98 0.49
2.4
1.09
1.54
MSD7342-183MLC
18
0.170
15
>0.99 0.16
2.3
0.95
1.35
MSD7342-223MLC
22
0.220
13.5
>0.99 0.20
2.1
0.84
1.19
MSD7342-273MLC
27
0.250
12.0
>0.99 0.20
1.9
0.79
1.11
MSD7342-333MLC
33
0.270
11.0
>0.99 0.15
1.7
0.76
1.07
MSD7342-393MLC
39
0.380
10.0
0.99 0.70
1.5
0.64
0.90
MSD7342-473MLC
47
0.420
9.5
>0.99 0.30
1.4
0.61
0.86
MSD7342-563MLC
56
0.460
8.7
>0.99 0.51
1.3
0.58
0.82
MSD7342-683MLC
68
0.600
7.3
>0.99 0.51
1.2
0.51
0.72
MSD7342-823MLC
82
0.680
6.2
0.99 1.17
1.1
0.48
0.67
MSD7342-104MLC
100
0.770
5.5
>0.99 0.96
0.98
0.45
0.63
MSD7342-124MLC
120
1.03
4.5
>0.99 0.61
0.90
0.39
0.55
MSD7342-154MLC
150
1.35
4.0
>0.99 0.54
0.80
0.34
0.48
MSD7342-184MLC
180
1.52
3.8
>0.99 0.75
0.73
0.32
0.45
MSD7342-224MLC
220
1.72
3.5
>0.99 1.43
0.66
0.30
0.42
MSD7342-274MLC
270
2.41
3.3
>0.99 1.56
0.60
0.25
0.36
MSD7342-334MLC
330
2.70
3.0
>0.99 1.65
0.54
0.24
0.34
MSD7342-394MLC
390
3.05
2.8
0.99 4.73
0.50
0.23
0.32
MSD7342-474MLC
470
4.00
2.6
0.99 5.50
0.46
0.20
0.28
MSD7342-564MLC
560
4.43
2.5
>0.99 4.85
0.42
0.19
0.26
MSD7342-684MLC
680
5.00
2.3
0.99 7.59
0.38
0.18
0.25
MSD7342-824MLC
820
6.80
2.2
>0.99 8.01
0.35
0.15
0.21
MSD7342-105MLC
1000
7.80
2.0
>0.99 8.69
0.31
0.14
0.20
MSD1260 Coupled *
I
rms(A)
Inductance DCRmax SRFtyp K
LeakL
I
sat(A)
both
one
Part number
(µH)
(Ohms)
(MHz)
typ typ(µH) 30%drop windings winding
MSD1260-472MLD
4.7 ±20%
0.018
32
0.98
0.20
10.30
3.16
4.47
MSD1260-562MLD
5.6 ±20%
0.020
31
0.98
0.20
9.66
3.00
4.24
MSD1260-682MLD
6.8 ±20%
0.024
28
0.98
0.24
9.21
2.75
3.88
MSD1260-822MLD
8.2 ±20%
0.026
25
0.98
0.25
8.55
2.63
3.72
MSD1260-103MLD
10 ±20%
0.030
22
0.99
0.26
7.40
2.45
3.46
MSD1260-123MLD
12 ±20%
0.037
21
0.99
0.28
6.86
2.21
3.12
MSD1260-153MLD
15 ±20%
0.042
17.6
0.99
0.32
6.09
2.06
2.92
MSD1260-183MLD
18 ±20%
0.048
17.0
0.99
0.40
5.30
1.93
2.73
MSD1260-223MLD
22 ±20%
0.058
15.0
0.98
0.68
5.01
1.76
2.49
MSD1260-273MLD
27 ±20%
0.062
13.6
0.99
0.50
4.66
1.70
2.41
MSD1260-333MLD
33 ±20%
0.067
12.7
0.99
0.65
4.22
1.64
2.32
MSD1260-393MLD
39 ±20%
0.071
11.7
0.99
1.09
3.80
1.59
2.25
MSD1260-473MLD
47 ±20%
0.087
8.7
0.99
0.80
3.25
1.44
2.03
MSD1260-563MLD
56 ±20%
0.099
7.6
0.99
0.75
3.07
1.35
1.91
MSD1260-683MLD
68 ±20%
0.108
6.1
>0.99
0.57
2.83
1.29
1.83
MSD1260-823MLD
82 ±20%
0.137
5.3
0.99
1.52
2.55
1.15
1.62
MSD1260-104MLD
100 ±20% 0.161
5.0
0.99
1.41
2.20
1.06
1.50
MSD1260-124KLD
120 ±10% 0.209
4.4
0.99
1.34
2.05
0.93
1.31
MSD1260-154KLD
150 ±10% 0.238
4.0
0.99
1.52
1.82
0.87
1.23
MSD1260-184KLD
180 ±10% 0.268
3.6
0.99
1.80
1.60
0.82
1.16
MSD1260-224KLD
220 ±10% 0.346
3.2
>0.99
1.60
1.51
0.72
1.02
MSD1260-274KLD
270 ±10% 0.403
2.8
>0.99
2.23
1.41
0.67
0.95
MSD1260-334KLD
330 ±10% 0.545
2.5
>0.99
2.39
1.28
0.57
0.81
MSD1260-394KLD
390 ±10% 0.600
2.3
>0.99
3.72
1.16
0.55
0.77
MSD1260-474KLD
470 ±10% 0.795
2.1
>0.99
2.89
1.00
0.48
0.67
MSD1260-564KLD
560 ±10% 0.905
2.0
>0.99
2.55
0.95
0.45
0.63
MSD1260-684KLD
680 ±10% 1.030
1.8
>0.99
5.76
0.88
0.42
0.59
MSD1260-824KLD
820 ±10% 1.325
1.5
>0.99
2.86
0.79
0.37
0.52
MSD1260-105KLD
1000 ±10% 1.530
1.2
>0.99
4.32
0.69
0.34
0.49
Dimensions (inches mm)
Series
A max
B max
C
D
LPD6235
0.239 6,08
0.239 6,08
0.138 3,5
0.079 2,00
LPD6235
MSD1514 Coupled
I
rms(A)
Inductance DCRmax SRFtyp K
LeakL Isat(A)
both
one
Part number
(µH)
(Ohms)
(MHz)
typ
typ(µH) 30%drop windings winding
MSD1514-252MED
2.5±20%
0.012
34.0
0.97
0.20
30.5
5.1
7.8
MSD1514-472MED
4.7±20%
0.014
25.0
0.98
0.20
23.7
4.5
7.6
MSD1514-103MED
10±20%
0.018
16.5
0.99
0.40
16.2
4.0
6.8
MSD1514-123MED
12±20%
0.022
14.5
0.99
0.40
14.8
3.7
6.6
MSD1514-153MED
15±20%
0.028
11.0
>0.99 0.42
13.3
3.4
5.8
MSD1514-223MED
22±20%
0.036
10.0
>0.99 0.45
11.0
3.0
5.1
MSD1514-273MED
27±20%
0.039
8.50
>0.99 0.45
9.90
2.95
4.7
MSD1514-333MED
33±20%
0.052
7.20
>0.99 0.45
9.00
2.55
3.9
MSD1514-473MED
47±20%
0.075
5.60
>0.99 0.55
7.50
2.20
3.45
MSD1514-683MED
68±20%
0.090
5.20
>0.99 0.55
6.20
2.00
3.20
MSD1514-104KED
100±10%
0.126
3.80
>0.99 0.55
5.15
1.65
2.50
MSD1514-224KED
220±10%
0.287
2.30
>0.99 0.70
3.50
1.10
1.70
MSD1514-334KED
330±10%
0.367
2.10
>0.99 0.80
2.83
0.98
1.55
MSD1514-474KED
470±10%
0.550
1.65
>0.99 1.2
2.40
0.77
1.30
MSD1514-105KED
1000±10% 1.25
1.10
>0.99 2.0
1.63
0.55
0.77
LPD6235 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax SRFtyp 10% 20% 30%
both
one
Part number
±20%(µH)
(Ohms)
(MHz)
drop drop drop
windings winding
LPD6235-682MRC
6.8
0.060
31
2.80
3.00
3.12
1.40
1.98
LPD6235-103MRC
10
0.079
27
2.50
2.70
2.80
1.30
1.83
LPD6235-223MRC
22
0.150
15
1.50
1.67
1.73
0.85
1.20
LPD6235-473MRC
47
0.315
9.7
0.90
0.98
0.99
0.60
0.85
LPD6235-104MRC
100
0.60
7.0
0.62
0.72
0.74
0.40
0.56
LPD6235-474MRC
470
1.75
3.0
0.18
0.22
0.23
0.25
0.35
LPD6235-105MRC
1000
3.50
1.9
0.12
0.14
0.15
0.15
0.21
LPD6235-155MRC
1500
5.40
1.5
0.12
0.12
0.13
0.14
0.20
LPD6235-205MRC
2000
8.00
1.3
0.08
0.11
0.12
0.11
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com