Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 13 Page - Coilcraft lnc.

Part # C320
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C320 Datasheet(HTML) 13 Page - Coilcraft lnc.

Back Button C320 Datasheet HTML 9Page - Coilcraft lnc. C320 Datasheet HTML 10Page - Coilcraft lnc. C320 Datasheet HTML 11Page - Coilcraft lnc. C320 Datasheet HTML 12Page - Coilcraft lnc. C320 Datasheet HTML 13Page - Coilcraft lnc. C320 Datasheet HTML 14Page - Coilcraft lnc. C320 Datasheet HTML 15Page - Coilcraft lnc. C320 Datasheet HTML 16Page - Coilcraft lnc. C320 Datasheet HTML 17Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
13
* When ordering, please replace underscore in part number with the proper tolerance code: G = 2%, J = 5%.
(e.g. 2929SQ-501GE C for a 2% tolerance part.)
These tight tolerance surface mount air core inductors combine the exceptionally
high Q of an air wound coil with the convenience of surface mounting. Their flat
top makes them suitable for automatic placement and reflow or vapor phase
processing. Solder coated leads ensure reliable soldering. The
Square Air
Core Inductors are available in seven sizes and offer Q factors up to 230 and
current handling as high as 5.7 Amps. The
GA309x Inductors have high current
ratings and low DCR. The
VS Series have the highest current ratings and the
lowest DCR. These inductors are the perfect solution for high-current IF/RF
applications that require non-magnetic parts.
Small Square Inductors
Inductance
Percent
Q
Test freq SRF typ
DCR max Irms
Part number
±5% (nH)
tolerance*
typ
(MHz)
(GHz)
(mOhms) (A)
0806SQ-5N5_LC
5.5
5,2
60
400
4.9
3.4
2.9
0806SQ-6N0_LC
6.0
5,2
64
400
5.2
6.0
2.9
0806SQ-8N9_LC
8.9
5,2
90
400
4.3
7.0
2.9
0806SQ-12N_LC
12.3
5,2
90
400
4.8
8.0
2.9
0806SQ-16N_LC
15.7
5,2
90
400
4.4
9.0
2.9
0806SQ-19N_LC
19.4
5,2
90
400
4.0
10.0
2.9
0807SQ-6N9_LC
6.9
5,2
100
400
4.6
6.0
2.7
0807SQ-10N_LC
10.2
5,2
100
400
4.0
7.0
2.7
0807SQ-11N_LC
11.2
5,2
90
400
3.6
6.3
2.7
0807SQ-14N_LC
13.7
5,2
100
400
4.3
8.0
2.7
0807SQ-17N_LC
17.0
5,2
100
400
4.0
9.0
2.7
0807SQ-22N_LC
22.0
5,2
100
400
3.5
10.0
2.7
0908SQ-8N1_LC
8.1
5,2
130
400
5.2
6.0
4.4
0908SQ-12N_LC
12.1
5,2
130
400
4.3
7.0
4.4
0908SQ-14N_LC
14.7
5,2
90
400
3.0
7.2
4.4
0908SQ-17N_LC
16.6
5,2
130
400
3.4
8.0
4.4
0908SQ-22N_LC
21.5
5,2
130
400
3.7
9.0
4.4
0908SQ-23N_LC
23.0
5,2
120
400
2.6
10.0
4.4
0908SQ-25N_LC
25.0
5,2
130
400
2.5
10.0
4.4
0908SQ-27N_LC
27.3
5,2
130
400
3.2
10.0
4.4
Square Inductors
Inductance
Percent
Q
Test freq SRF typ
DCR max Irms
Part number
±5% (nH)
tolerance*
typ
(MHz)
(GHz)
(mOhms) (A)
1111SQ-27N_EC
27
5,2
200
400
2.60
8.1
5.5
1111SQ-30N_EC
30
5,2
200
400
2.40
8.3
5.5
1111SQ-33N_EC
33
5,2
200
400
2.30
9.5
4.8
1111SQ-36N_EC
36
5,2
200
400
2.30
9.8
4.8
1111SQ-39N_EC
39
5,2
200
400
2.20
10.0
4.8
1111SQ-43N_EC
43
5,2
200
400
2.20
10.8
4.4
1111SQ-47N_EC
47
5,2
200
400
2.20
11.3
4.4
1515SQ-47N_EC
47
5,2
230
400
1.87
6.35
4.9
1515SQ-68N_EC
68
5,2
230
400
2.13
8.60
5.5
1515SQ-82N_EC
82
5,2
230
400
1.79
9.40
5.6
2222SQ-90N_EC
90
5,2
140
50
1.15
5.50
5.0
2222SQ-111_EC
110
5,2
140
50
1.00
6.50
5.7
2222SQ-131_EC
130
5,2
140
50
1.00
7.50
5.4
2222SQ-161_EC
160
5,2
140
50
1.00
8.25
5.7
2222SQ-181_EC
180
5,2
140
50
1.10
9.50
5.0
2222SQ-221_EC
220
5,2
140
50
1.00
11.0
5.0
2222SQ-271_EC
270
5,2
140
50
0.800
12.5
4.3
2222SQ-301_EC
300
5,2
150
50
0.720
13.8
3.7
2929SQ-331_EC
330
5,2
180
50
0.660
12.5
4.7
2929SQ-361_EC
360
5,2
180
50
0.620
13.5
4.5
2929SQ-391_EC
390
5,2
180
50
0.590
14.5
4.4
2929SQ-431_EC
430
5,2
180
50
0.550
15.5
4.2
2929SQ-501_EC
500
5,2
150
50
0.485
16.5
4.3
Which chip inductor family should you use?
Ceramic (SUFFIX, BODY SIZE)
Ferrite (SUFFIX, BODY SIZE)
Highest Q
DC
0402-0603
HP
0402-0805
HQ
0403-1008
CS
0402-1812
LS
0603-1812
Lowest DCR
DC
0402-0603
HP
0402-0805
DS
0201
DF
0402
AF
0201-1008
LS
0603-1812
Highest current HP
0402-0805
PA
0402
HC
0603
DF
0402
AF
0201-1008
LS
0603-1812
Highest L
HL
0201-0603
DF
0402
LS
0603-1812
Lowest Profile CT
1005-2520
FL
1005
VS High Current Inductors
I
rms (A)
L ±20%
SRF typ
DCR (mOhms)
20°
40°
Part number
(nH)
Q typ
(MHz)
typ
max
rise
rise
1010VS-23NMEC
23.5
95
923
1.05
1.20
18.0
26.0
1010VS-46NMEC
46.5
150
526
1.50
1.62
17.9
25.5
1010VS-79NMEC
79.0
135
386
1.95
2.11
17.8
25.0
1010VS-111MEC
111
150
382
2.53
2.73
15.7
22.0
1010VS-141MEC
146
140
433
3.08
3.33
14.1
19.3
1212VS-22NMEC
22.0
200
918
0.48
0.55
40.5
57.0
1212VS-42NMEC
42.0
195
557
0.70
0.77
38.0
52.0
1212VS-66NMEC
66.0
200
480
0.90
0.99
35.0
48.0
1212VS-90NMEC
90.0
175
444
1.10
1.21
33.0
45.0
1212VS-111MEC
117
165
399
1.30
1.43
32.0
44.0
2014VS-33NMEC
33
230
620
0.63
0.74
32.5
43.0
2014VS-66NMEC
66
200
413
0.90
1.00
31.5
42.5
2014VS-111MEC
108
210
320
1.20
1.34
31.0
42.0
2014VS-151MEC
155
205
296
1.44
1.60
29.4
39.7
2014VS-201MEC
202
200
262
1.70
1.82
26.3
35.8
2014VS-251MEC
257
200
230
1.94
2.15
24.9
34.5
Air Core Inductors
S-parameters
&
T-Line models
Available on
our web site
Dimensions (inches mm)
Series
A
B
C
1010VS
0.394 10,0
0.394 10,0
0.142 – 0.240 3,60 – 6,10
1212VS
0.472 12,0
0.453 11,5
0.260 – 0.445 6,60 – 11,3
2014VS
0.770 19,56
0.535 13,60
0.236 – 0.449 5,99 –11,4
BA
C
1010VS, 1212VS, 2014VS
Dimensions (inches mm)
Series
A max
B max
C max
0806SQ
0.053 – 0.102 1,346 – 2,591
0.072 1,829
0.055 1,397
0807SQ
0.051 – 0.102 1,295 – 2,591
0.072 1,829
0.060 1,524
0908SQ
0.058 – 0.117 1,473 – 2,972
0.084 2,134
0.072 1,829
1111SQ
0.105 – 0.130 2,67 – 3,30
0.105 2,67
0.110 2,79
1515SQ
0.160 – 0.230 4,06 – 5,84
0.140 3,56
0.147 3,73
2222SQ
0.205 – 0.470 5,21 – 11,94
0.215 – 0.225 5,46 – 5,72
0.224 5,69
2929SQ
0.550 14,10
0.295 7,49
0.285 7,24
0806SQ, 0807SQ, 0908SQ, 1111SQ,
1515SQ, 2222SQ, 2929SQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com