Electronic Components Datasheet Search
  English  ▼

X  

C321 Datasheet(PDF) 16 Page - Coilcraft lnc.

Part # C321
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C321 Datasheet(HTML) 16 Page - Coilcraft lnc.

Back Button C321 Datasheet HTML 12Page - Coilcraft lnc. C321 Datasheet HTML 13Page - Coilcraft lnc. C321 Datasheet HTML 14Page - Coilcraft lnc. C321 Datasheet HTML 15Page - Coilcraft lnc. C321 Datasheet HTML 16Page - Coilcraft lnc. C321 Datasheet HTML 17Page - Coilcraft lnc. C321 Datasheet HTML 18Page - Coilcraft lnc. C321 Datasheet HTML 19Page - Coilcraft lnc. C321 Datasheet HTML 20Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
Coilcraft BCR and BCL conical inductors offer a flat bandwidth with high
impedance to 40 GHz, and are ideal for use in bias tees. The BCR has a
full-length cap that fully protects the coil and provides a large surface for pick
and place. The BCL has “flying leads” that allows adjustment of the mounting
angle. The 4310LC has a flat bandwidth to 6 GHz, making it the perfect solution
for lower bandwidth, high power applications.
BCL
Inductance
DCRmax
I
rms(A)
Part number
±5% (µH)
Bandwidth
(Ohms)
40°Crise
BCL-221JL
0.22
10MHz–40GHz
0.10
1.20
BCL-531JL
0.53
10MHz–40GHz
0.15
1.06
BCL-122JL
1.20
10MHz–40GHz
1.05
0.270
BCL-162JL
1.65
10MHz–40GHz
0.60
0.490
BCL-232JL
2.35
10MHz–40GHz
1.61
0.270
BCL-272JL
2.75
10MHz–40GHz
0.40
0.675
BCL-632JL
6.35
10MHz–40GHz
0.92
0.480
BCL-652JL
6.50
10MHz–40GHz
0.70
0.650
BCL-802JL
8.00
10MHz–40GHz
3.39
0.230
4310LC
Inductance
SRF(typ)
DCR(max)
I
rms(A)
Part number
±10% (µH)
(MHz)
Bandwidth
(mOhms)
40°Crise
4310LC-132KEC
1.30
235
10MHz–6GHz
15.1
4.2
4310LC-352KEC
3.50
188
10MHz–6GHz
49.0
3.1
Dimensions (inches mm)
Series
A max
B max
C max
BCL-221 0.166 4,22 0.100 2,54 0.138 3,51
BCL-531 0.166 4,22 0.100 2,54 0.179 4,55
BCL-122 0.166 4,22 0.100 2,54 0.115 2,92
BCL-162 0.166 4,22 0.100 2,54 0.174 4,42
BCL-232 0.166 4,22 0.100 2,54 0.150 3,81
BCL-272 0.275 6,99 0.100 2,54 0.310 7,87
BCL-632 0.275 6,99 0.100 2,54 0.340 8,62
BCL-652 0.390 9,91 0.100 2,54 0.435 11,05
BCL-802 0.180 4,57 0.100 2,54 0.237 6,00
Dimensions (inches mm)
Series
A max
B max
C max
1205POC 0.126 3,20 0.055 1,40 0.093 2,36
Dimensions (inches mm)
Series
A max
B max
C max
1210POC 0.13 3,30
0.105 2,67 0.118 3.00
BCR
Inductance
DCRmax
I
rms(A)
Part number
±5% (µH)
Bandwidth
(Ohms)
40°Crise
BCR-221JLC
0.22
10MHz–40GHz
0.10
1.20
BCR-531JLC
0.53
10MHz–40GHz
0.15
1.06
BCR-122JLC
1.20
10MHz–40GHz
1.05
0.270
BCR-162JLC
1.65
10MHz–40GHz
0.60
0.490
BCR-232JLC
2.35
10MHz–40GHz
1.61
0.270
BCR-272JLC
2.75
10MHz–40GHz
0.40
0.675
BCR-632JLC
6.35
10MHz–40GHz
0.92
0.480
BCR-652JLC
6.50
10MHz–40GHz
0.70
0.650
BCR-802JLC
8.00
10MHz–40GHz
3.39
0.230
B
C
A
BCL
BCR
4310LC
Dimensions (inches mm)
Series
A max
B max
C max
BCR-221 0.220 5,59
0.150 3,81 0.160 4,06
BCR-531 0.220 5,59
0.150 3,81 0.160 4,06
BCR-122 0.120 3,05
0.100 2,54 0.110 2,79
BCR-162 0.220 5,59
0.150 3,81 0.160 4,06
BCR-232 0.220 5,59
0.150 3,81 0.160 4,06
BCR-272 0.440 11,18 0.220 5,59 0.220 5,59
BCR-632 0.440 11,18 0.220 5,59 0.220 5,59
BCR-652 0.440 11,18 0.220 5,59 0.220 5,59
BCR-802 0.220 5,59
0.150 3,81 0.160 4,06
4310LC
0.460 11,68 0.220 4,90 0.140 3,554
C
A
B
D
1205POC
1210POC
1205POC
Inductance
SRFtyp
DCR(Ohms)
Isat(mA)
Irms(mA)
Partnumber
±20% (µH)
(MHz)
max
at125°C
40°Crise
1205POC-682MRC
6.8
220
0.41
520
880
1205POC-103MRC
10.0
165
1.00
410
560
NEW!
1210POC
Inductance
SRFtyp
DCR(Ohms)
Isat(mA)
Irms (mA)
Partnumber
±20% (µH)
(MHz)
max
125°C
40°Crise
1210POC-222MRC
2.2
300
0.13
1500
1900
1210POC-682MRC
6.8
120
0.24
800
1360
1210POC-103MRC
10.0
95
0.34
660
1130
1210POC-223MRC
22.0
70
0.88
450
700
NEW!
Conical and Broadband Inductors
C
A
B
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com