Electronic Components Datasheet Search
  English  ▼

X  

C331 Datasheet(PDF) 7 Page - Coilcraft lnc.

Part # C331
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C331 Datasheet(HTML) 7 Page - Coilcraft lnc.

Back Button C331 Datasheet HTML 3Page - Coilcraft lnc. C331 Datasheet HTML 4Page - Coilcraft lnc. C331 Datasheet HTML 5Page - Coilcraft lnc. C331 Datasheet HTML 6Page - Coilcraft lnc. C331 Datasheet HTML 7Page - Coilcraft lnc. C331 Datasheet HTML 8Page - Coilcraft lnc. C331 Datasheet HTML 9Page - Coilcraft lnc. C331 Datasheet HTML 10Page - Coilcraft lnc. C331 Datasheet HTML 11Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
7
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E
F
G
0402DF
0.044 1,12
0.026 0,66
0.026 0,66
0.018 0,46
0.008 0,20
0402FL
0.044 1,11
0.028 0,72
0.022 0,55
0.022 0,55
0.007 0,18
0.026 0,66
0402HL
0.048 1,22
0.031 0,79
0.022 0,56
0.010 0,25 0.018 0,46
0.008 0,20
0.026 0,66
0402HP
0.043 1,09
0.028 0,71
0.024 0,61
0.010 0,25 0.020 0,51
0.008 0,20
0.024 0,61
0402PA
0.047 1,19
0.025 0,64
0.026 0,66
0.010 0,25 0.020 0,51
0.009 0,23
0.022 0,56
0403HQ
0.047 1,19
0.034 0,86
0.028 0,71
0.030 0,76
0.009 0,23
0.022 0,56
0603AF
0.071 1,80
0.044 1,12
0.036 0,91
0.015 0,38 0.030 0,76
0.013 0,33
0.034 0,86
0603CS
0.071 1,80
0.044 1,12
0.040 1,02
0.015 0,38 0.030 0,76
0.013 0,33
0.034 0,86
0603CT
0.064 1,63
0.033 0,84
0.024 0,61
0.030 0,76
0.013 0,33
0.027 0,69
0402HL, 0402HP, 0402PA,
0603AF, 0603CS
0402DF, 0402FL, 0403HQ,
0603CT
0603AF Ferrite
Inductance
Impedance typ (Ohms) SRF typ DCR max Irms
Part number
±5% (nH)
Qtyp
100 MHz 500 MHz
(GHz)
(Ohms)
(A)
0603AF-15NXJRW 15 @ 7.9 MHz
13@ 7.9 MHz
10
42
3.50
0.023
2.1
0603AF-33NXJRW 33 @ 7.9 MHz
13@ 7.9 MHz
19
90
2.300
0.028
1.9
0603AF-39NXJRW 39 @ 7.9 MHz
13 @ 7.9 MHz
23
113
2.200
0.115
1.0
0603AF-47NXJRW 47 @ 7.9 MHz
13@ 7.9 MHz
42
210
2.250
0.052
1.7
0603AF-50NXJRW 50 @ 7.9 MHz
15 @ 7.9 MHz
31
149
1.830
0.052
1.7
0603AF-68NXJRW 68 @ 7.9 MHz
15 @ 7.9 MHz
39
193
1.500
0.150
0.88
0603AF-72NXJRW 72 @ 7.9 MHz
15 @ 7.9 MHz
60
385
1.800
0.065
1.5
0603AF-85NXJRW 85 @ 7.9 MHz
15 @ 7.9 MHz
51
256
1.600
0.065
1.5
0603AF-111XJRW
110 @ 7.9 MHz
15 @ 7.9 MHz
70
350
1.230
0.060
1.6
0603AF-121XJRW
120 @ 7.9 MHz
15 @ 7.9 MHz
76
410
1.150
0.089
1.4
0603AF-151XJRW
150 @ 7.9 MHz
15 @ 7.9 MHz
89
468
1.050
0.09
1.5
0603AF-201XJRW
200 @ 7.9 MHz
15 @ 7.9 MHz
120
685
0.880
0.12
1.4
0603AF-241XJRW
240 @ 7.9 MHz
15 @ 7.9 MHz
140
810
0.900
0.12
0.85
0603AF-271XJRW
270 @ 7.9 MHz
15 @ 7.9 MHz
173
1023
0.750
0.22
0.68
0603AF-361XJRW
360 @ 7.9 MHz
15@ 7.9 MHz
210
1310
0.700
0.21
0.65
0603AF-391XJRW
390 @ 7.9 MHz
15 @ 7.9 MHz
240
1565
0.700
0.30
0.64
0603AF-421XJRW
420 @ 7.9 MHz
11@ 7.9 MHz
250
1925
0.685
0.33
0.61
0603AF-471XJRW
470 @ 7.9 MHz
15 @ 7.9 MHz
306
2253
0.575
0.37
0.61
0603AF-561XJRW
560 @ 7.9 MHz
16 @ 7.9 MHz
371
3180
0.515
0.49
0.53
0603AF-601XJRW
600 @ 7.9 MHz
16 @ 7.9 MHz
372
2778
0.540
0.55
0.51
0603AF-681XJRW
680 @ 7.9 MHz
16 @ 7.9 MHz
420
3620
0.530
0.46
0.49
0603AF-821XJRW
820 @ 7.9 MHz
16 @ 7.9 MHz
507
3300
0.325
0.58
0.42
0603AF-102XJRW
1000 @ 7.9 MHz 17 @ 7.9 MHz
663
9823
0.400
0.84
0.40
0603AF-152XJRW
1500 @ 7.9 MHz 17 @ 7.9 MHz
944
17,830
0.330
1.3
0.28
0603AF-222XJRW
2200 @ 7.9 MHz 16 @ 7.9 MHz
5220
129
0.085
1.1
0.32
0603AF-472XJRW
4700 @ 7.9 MHz 16 @ 7.9 MHz
2100
220
60
1.5
0.26
0603AF-103XJRW
10,000 @ 2.5 MHz 12 @ 2.5 MHz
1400
150
40
4.5
0.18
0603CS
Inductance
Percent
SRF min DCR max Irms
1.7 GHz
Part number
(nH)
tolerance* Q min (GHz)
(Ohms)
(mA)
L typ Q typ
0603CS-1N6XJEW 1.6 @ 250 MHz
5
24
12.5
0.030
700
1.65
63
0603CS-1N8XJEW 1.8 @ 250 MHz
5
16
12.5
0.045
700
1.66
50
0603CS-2N2XJEW 2.2 @ 250 MHz
5
13
12.5
0.250
100
2.24
44
0603CS-3N3X_EW 3.3 @ 250 MHz
5,3,2
35
5.90
0.045
700
3.38
88
0603CS-3N6X_EW 3.6 @ 250 MHz
5,3,2
22
5.90
0.063
700
3.71
65
0603CS-3N9X_EW 3.9 @ 250 MHz
5,3,2
22
6.90
0.080
700
3.96
67
0603CS-4N3X_EW 4.3 @ 250 MHz
5,3,2
22
5.90
0.063
700
4.33
70
0603CS-4N7X_EW 4.7 @ 250 MHz
5,3,2
20
5.80
0.116
700
4.75
57
0603CS-5N1X_EW 5.1 @ 250 MHz
5,3,2
20
5.70
0.140
700
4.95
56
0603CS-5N6X_EW 5.6 @ 250 MHz
5,3,2
26
4.76
0.075
700
6.05
80
0603CS-6N8X_EW 6.8 @ 250 MHz
5,3,2
27
5.80
0.110
700
7.10
81
0603CS-7N5X_EW 7.5 @ 250 MHz
5,3,2
28
4.80
0.106
700
7.82
65
0603CS-8N2X_EW 8.2 @ 250 MHz
5,3,2
30
4.20
0.115
700
8.37
87
0603CS-8N7X_EW 8.7 @ 250 MHz
5,3,2
28
4.60
0.109
700
9.32
58
0603CS-9N5X_EW 9.5 @ 250 MHz
5,3,2
28
5.40
0.135
700
9.92
61
0603CS-10NX_EW 10 @ 250 MHz
5,3,2
31
4.80
0.130
700
10.6
83
0603CS-11NX_EW 11 @ 250 MHz
5,3,2
30
4.00
0.086
700
11.5
56
0603CS-12NX_EW 12 @ 250 MHz
5,3,2
35
4.00
0.130
700
13.5
83
0603CS-15NX_EW 15 @ 250 MHz
5,3,2
35
4.00
0.170
700
16.8
89
0603CS-16NX_EW 16 @ 250 MHz
5,3,2
34
3.30
0.170
700
17.3
52
0603CS-18NX_EW 18 @ 250 MHz
5,3,2
35
3.10
0.170
700
21.4
69
0603CS-22NX_EW 22 @ 250 MHz
5,3,2
38
3.00
0.190
700
26.1
71
0603CS-23NX_EW 23 @ 250 MHz
5,3,2
38
2.85
0.190
700
28.0
67
0603CS-24NX_EW 24 @ 250 MHz
5,3,2
36
2.65
0.135
700
28.7
39
0603CS-27NX_EW 27 @ 250 MHz
5,3,2
40
2.80
0.220
600
34.6
65
0603CS-30NX_EW 30 @ 250 MHz
5,3,2
37
2.25
0.144
600
39.9
28
0603CS-33NX_EW 33 @ 250 MHz
5,3,2
40
2.30
0.220
600
49.5
42
0603CS-36NX_EW 36 @ 250 MHz
5,3,2
37
2.08
0.250
600
52.7
24
0603CS-39NX_EW 39 @ 250 MHz
5,3,2
40
2.20
0.250
600
60.2
40
0603CS-43NX_EW 43 @ 250 MHz
5,3,2
38
2.00
0.280
600
64.9
21
0603CS-47NX_EW 47 @ 200 MHz
5,3,2
38
2.00
0.280
600
77.2
35
0603CS-51NX_EW 51 @ 200 MHz
5,3,2
35
1.90
0.270
600
82.2
34
0603CS-56NX_EW 56 @ 200 MHz
5,3,2
38
1.90
0.310
600
97.0
26
0603CS-68NX_EW 68 @ 200 MHz
5,3,2
37
1.70
0.340
600
168
21
0603CS-72NX_EW 72 @ 150 MHz
5,3,2
34
1.70
0.490
400
135
20
0603CS-82NX_EW 82 @ 150 MHz
5,3,2
34
1.70
0.540
400
177
21
0603CS-R10X_EW 100 @ 150 MHz
5,3,2
34
1.40
0.580
400
—
—
0603CS-R11X_EW 110 @ 150 MHz
5,3,2
32
1.35
0.610
300
—
—
0603CS-R12X_EW 120 @ 150 MHz
5,3,2
32
1.30
0.650
300
—
—
0603CS-R15X_EW 150 @ 150 MHz
5,3,2
28
0.990
0.920
280
—
—
0603CS-R18X_EW 180 @ 100 MHz
5,3,2
25
0.990
1.25
240
—
—
0603CS-R20X_EW 200 @ 100 MHz
5,3,2
25
0.900
1.98
200
—
—
0603CS-R21X_EW 210 @ 100 MHz
5,3,2
27
0.895
2.06
200
—
—
0603CS-R22X_EW 220 @ 100 MHz
5,3,2
25
0.900
2.10
200
—
—
0603CS-R25X_EW 250 @ 100 MHz
5,3,2
25
0.822
3.55
120
—
—
0603CS-R27X_EW 270 @ 100 MHz
5,3,2
26
0.830
2.16
170
—
—
0603CS-R33X_EW 330 @ 100 MHz
5,3,2
25
0.900
3.89
100
—
—
0603CS-R39X_EW 390 @ 100 MHz
5,3,2
25
0.780
4.35
100
—
—
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with
the proper tolerance code: G = 2%, H = 3%, J = 5%. (e.g. 0603CT-56NXGRW for a 2% tolerance part.)
0603CT Low Profile
Inductance
Percent
SRF typ DCR max Irms
1.7 GHz
Part number
(nH)
tolerance* (GHz)
(Ohms)
(mA)
L typ
Q typ
0603CT-1N0XJRW
1.0 @ 250 MHz
5
16.0
0.045
1600
0.99
58
0603CT-1N2XJRW
1.2 @ 250 MHz
5
16.0
0.105
1100
1.19
50
0603CT-2N0XJRW
2.0 @ 250 MHz
5
12.0
0.034
1900
1.98
70
0603CT-2N2XJRW
2.2 @ 250 MHz
5
10.7
0.046
1600
2.13
74
0603CT-2N3XJRW
2.3 @ 250 MHz
5
11.0
0.046
1600
2.28
81
0603CT-2N5XJRW
2.5 @ 250 MHz
5
11.0
0.060
1300
2.50
77
0603CT-3N0X_RW
3.0 @ 250 MHz
5,2
10.7
0.039
1600
2.97
82
0603CT-3N3X_RW
3.3 @ 250 MHz
5,2
7.00
0.039
1600
3.33
83
0603CT-3N6X_RW
3.6 @ 250 MHz
5,2
7.00
0.044
1600
3.63
95
0603CT-3N9X_RW
3.9 @ 250 MHz
5,2
6.30
0.050
1400
3.95
90
0603CT-4N3X_RW
4.3 @ 250 MHz
5,2
6.30
0.076
1300
4.34
84
0603CT-4N7X_RW
4.7 @ 250 MHz
5,2
5.60
0.120
960
4.75
70
0603CT-5N1X_RW
5.1 @ 250 MHz
5,2
5.50
0.050
1400
5.18
93
0603CT-5N6X_RW
5.6 @ 250 MHz
5,2
5.05
0.058
1300
5.73
90
0603CT-6N8X_RW
6.8 @ 250 MHz
5,2
4.50
0.080
1200
7.00
81
0603CT-7N2X_RW
7.2 @ 250 MHz
5,2
4.50
0.047
1500
7.44
88
0603CT-8N2X_RW
8.2 @ 250 MHz
5,2
4.25
0.075
1300
8.46
78
0603CT-9N5X_RW
9.5 @ 250 MHz
5,2
3.95
0.092
1100
9.92
80
0603CT-10NX_RW
10 @ 250 MHz
5,2
3.95
0.075
1300
10.4
85
0603CT-11NX_RW
11 @ 250 MHz
5,2
4.00
0.110
1000
11.5
86
0603CT-12NX_RW
12 @ 250 MHz
5,2
3.50
0.130
920
12.7
85
0603CT-15NX_RW
15 @ 250 MHz
5,2
3.30
0.145
800
16.1
80
0603CT-16NX_RW
16 @ 250 MHz
5,2
3.10
0.175
760
17.5
76
0603CT-18NX_RW
18 @ 250 MHz
5,2
2.95
0.200
720
19.2
80
0603CT-20NX_RW
20 @ 250 MHz
5,2
2.90
0.175
760
21.6
80
0603CT-22NX_RW
22 @ 250 MHz
5,2
2.75
0.220
700
24.3
70
0603CT-24NX_RW
24 @ 250 MHz
5,2
2.70
0.240
680
26.5
72
0603CT-27NX_RW
27 @ 250 MHz
5,2
2.55
0.270
670
29.8
75
0603CT-30NX_RW
30 @ 250 MHz
5,2
2.45
0.330
600
33.9
73
0603CT-33NX_RW
33 @ 250 MHz
5,2
2.20
0.330
600
39.1
61
0603CT-36NX_RW
36 @ 250 MHz
5,2
2.30
0.335
600
42.3
63
0603CT-39NX_RW
39 @ 250 MHz
5,2
2.25
0.400
570
45.3
65
0603CT-43NX_RW
43 @ 250 MHz
5,2
2.10
0.440
530
51.3
60
0603CT-47NX_RW
47 @ 250 MHz
5,2
1.90
0.540
470
57.8
57
0603CT-51NX_RW
51 @ 250 MHz
5,2
1.85
0.570
440
63.2
55
0603CT-56NX_RW
56 @ 250 MHz
5,2
1.75
0.700
420
75.4
48
Which chip inductor family should you use?
Ceramic (SUFFIX, BODY SIZE)
Ferrite (SUFFIX, BODY SIZE)
Highest Q
DC
0402-0603
HP
0402-0805
HQ
0403-1008
CS
0402-1812
LS
0603-1812
Lowest DCR
DC
0402-0603
HP
0402-0805
DS
0201
DF
0402
AF
0201-1008
LS
0603-1812
Highest current HP
0402-0805
PA
0402
HC
0603
DF
0402
AF
0201-1008
LS
0603-1812
Highest L
HL
0201-0603
DF
0402
LS
0603-1812
Lowest Profile CT
1005-2520
FL
1005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com