Electronic Components Datasheet Search
  English  ▼

X  

ABNM Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABNM
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABNM Datasheet(HTML) 2 Page - Abracon Corporation

  ABNM Datasheet HTML 1Page - Abracon Corporation ABNM Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions: inch (mm)
MARKING:
- HTU.th
(Frequency: H=First “”100” digit of frequency (if applicable),
T=First “10” digit of frequency, U=First “unit” of frequency,
t=First “tenth” digit of freq, h=First “hundredth” digit of freq.
Ex: 156.25 for 156.25MHz; 14.31 for 14.31818 MHz)
- ABNM ZYX
(Z: Month, A to L; Y: Year, 5 for 2005; X: Traceability Code)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
WITH VOLTAGE CONTROL
WITH VOLTAGE CONTROL
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
WITH VOLTAGE CONTROL
ABNM SERIES
PIN ASSIGNMENTS:
STANDARD SPECIFICATIONS (cont’d):
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature:
D for -10°C to +60°C
E for -20°C to +70°C
F for -30°C to +70°C
N for -30°C to +85°C
L for -40°C to +85°C
ABNM - Frequency - Temperature - Frequency Stability - Output - Packaging
Packaging option: T for Tape and Reel (1,000pcs/reel)
PIN #
NAME
DESCRIPTION
1
2
3
4
5
6
Tri-state
NC
GND
Q
Q
VDD
Tri-state
No Connect
Ground
PECL, LVDS, or CMOS Output
Complimentary PECL, LVDS, or NC
VDD Connection
TRI-STATE PIN OPERATION:
OUTPUT TYPE OPTION
PIN 1 LOGIC LEVEL*
OUTPUT STATE
PECL
PECL1
LVDS, CMOS,
Hi-Drive CMOS
P
P1
V, C,
& CH
0 (Default)
1
1
0
0
1 (Default)
Enabled
Tri-state
Enabled
Tri-state
Tri-state
Enabled
*Connect to VDD from logic level "1", connect to ground for logic level "0".
Output options:
P = PECL
P1 = PECL1
V = LVDS
C = CMOS
CH = CMOS High Drive
Stability options:
R for ± 25 ppm max
K for ± 30 ppm max
H for ± 35 ppm max
CMOS
Supply Current (IDD)
Output Clock Duty Cycle @ 50% VDD
Output High Voltage (VOH) [IOH=8.5mA]
Output Low Voltage (VOL) [IOL=8.5mA]
Output Drive Current - Standard Drive (IOSD) [VOL=0.4V, VOH=2.4V]
Output Drive Current - High Drive (IOSD) [VOL=0.4V, VOH=2.4V]
Output Clock Rise/Fall Time - Standard Drive [10%~90% VDD with 15pF load]
Output Clock Rise/Fall Time - High Drive [10%~90% VDD with 10pF load]
Output Clock Duty Cycle [ Measured @ 50% VDD]
40mA max
45% min, 50% typical, 55% max
2.4V max
0.4V max
10mA Min
30mA Min
2.4nS typical
1.2nS typical
45% min, 50% typical, 55% max
: PRELIMINARY
5.0 x 7.0 x 1.8mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com